Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2174C Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2174C
Description  Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174C Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2174C Datasheet HTML 1Page - Micrel Semiconductor MIC2174C Datasheet HTML 2Page - Micrel Semiconductor MIC2174C Datasheet HTML 3Page - Micrel Semiconductor MIC2174C Datasheet HTML 4Page - Micrel Semiconductor MIC2174C Datasheet HTML 5Page - Micrel Semiconductor MIC2174C Datasheet HTML 6Page - Micrel Semiconductor MIC2174C Datasheet HTML 7Page - Micrel Semiconductor MIC2174C Datasheet HTML 8Page - Micrel Semiconductor MIC2174C Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Micrel, Inc.
MIC2174/MIC2174C
September 2010
2
M9999-091310-C
Ordering Information
Part Number
Voltage
Accuracy
Switching Frequency
Junction Temperature
Range
Package
Lead Finish
MIC2174-1YMM
Adj.
±1%
300kHz
–40° to +125°C
10-Pin MSOP
Pb-Free
MIC2174C-1YMM
Adj.
±3%
270kHz
–40° to +125°C
10-Pin MSOP
Pb-Free
Pin Configuration
10-Pin MSOP (MM)
Pin Description
Pin Number
Pin Name
Pin Function
1
HSD
High-Side N-MOSFET Drain Connection (input): Power to the drain of the external high-side N-
channel MOSFET. The HSD operating voltage range is from 3V to 40V. Input capacitors between
HSD and the power ground (PGND) are required.
2
EN
Enable (input): A logic level control of the output. The EN pin is CMOS-compatible. Logic high or
floating = enable, logic low = shutdown. In the off state, supply current of the device is greatly reduced
(typically 0.8mA).
3
FB
Feedback (input): Input to the transconductance amplifier of the control loop. The FB pin is regulated
to 0.8V. A resistor divider connecting the feedback to the output is used to adjust the desired output
voltage.
4
GND
Signal ground. GND is the ground path for the device input voltage VIN and the control circuitry. The
loop for the signal ground should be separate from the power ground (PGND) loop.
5
IN
Input Voltage (input): Power to the internal reference and control sections of the MIC2174/MIC2174C.
The IN operating voltage range is from 3V to 5.5V. A 2.2µF ceramic capacitors from IN to GND are
recommended for clean operation. VIN must be powered up no earlier than VHSD to make the soft-start
function behavior correctly.
6
DL
Low-Side Drive (output): High-current driver output for external low-side MOSFET. The DL driving
voltage swings from ground to IN.
7
PGND
Power Ground. PGND is the ground path for the MIC2174/MIC2174C buck converter power stage.
The PGND pin connects to the sources of low-side N-Channel MOSFETs, the negative terminals of
input capacitors, and the negative terminals of output capacitors. The loop for the power ground
should be as small as possible and separate from the Signal ground (GND) loop.
8
DH
High-Side Drive (output): High-current driver output for external high-side MOSFET. The DH driving
voltage is floating on the switch node voltage (LX). It swings from ground to VIN minus the diode drop.
Adding a small resistor between DH pin and the gate of the high-side N-channel MOSFETs can slow
down the turn-on and turn-off time of the MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com