Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI60N55F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STI60N55F3
Description  N-channel 55 V, 6.5 mΩ, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET™III Power MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI60N55F3 Datasheet(HTML) 3 Page - STMicroelectronics

  STI60N55F3 Datasheet HTML 1Page - STMicroelectronics STI60N55F3 Datasheet HTML 2Page - STMicroelectronics STI60N55F3 Datasheet HTML 3Page - STMicroelectronics STI60N55F3 Datasheet HTML 4Page - STMicroelectronics STI60N55F3 Datasheet HTML 5Page - STMicroelectronics STI60N55F3 Datasheet HTML 6Page - STMicroelectronics STI60N55F3 Datasheet HTML 7Page - STMicroelectronics STI60N55F3 Datasheet HTML 8Page - STMicroelectronics STI60N55F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
STx60N55F3
Electrical ratings
Doc ID 13242 Rev 4
3/20
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK/D²PAK
TO-220
IPAK/I²PAK
TO-220FP
VDS
Drain-source voltage (VGS=0)
55
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25°C
80
42
A
ID
Drain current (continuous) at TC = 100°C
56
30
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
320
168
A
PTOT
Total dissipation at TC = 25°C
110
30
W
Derating factor
0.73
0.2
W/°C
dv/dt (2)
2.
ISD < 80 A, di/dt < 300A/µs, VDD < V(BR)DSS. Tj < Tjmax
Peak diode recovery voltage slope
11
V/ns
EAS
(3)
3.
Starting Tj=25°C, Id=32 A, Vdd= 25 V
Single pulse avalanche energy
390
mJ
VISO
Insulation withstand voltage (RMS) from all three
leads to external heat sink (t=1s;TC=25°C)
2500
V
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
DPAK
IPAK
I²PAK
D²PAK TO-220 TO-220FP
Rthj-case
Thermal resistance junction-
case max
1.36
5
°C/W
Rthj-pcb (1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu
Thermal resistance junction-
pcb max
50
35
°C/W
Rthj-a
Thermal resistance junction-
ambient max
100
62.5
°C/W
Tl
Maximum lead temperature
for soldering purpose
275
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com