Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP8NM60N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP8NM60N
Description  N-channel 600 V, 0.56 Ω,7 A MDmesh™II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8NM60N Datasheet(HTML) 1 Page - STMicroelectronics

  STP8NM60N Datasheet HTML 1Page - STMicroelectronics STP8NM60N Datasheet HTML 2Page - STMicroelectronics STP8NM60N Datasheet HTML 3Page - STMicroelectronics STP8NM60N Datasheet HTML 4Page - STMicroelectronics STP8NM60N Datasheet HTML 5Page - STMicroelectronics STP8NM60N Datasheet HTML 6Page - STMicroelectronics STP8NM60N Datasheet HTML 7Page - STMicroelectronics STP8NM60N Datasheet HTML 8Page - STMicroelectronics STP8NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
November 2008
Rev 3
1/19
19
STx8NM60N
N-channel 600 V, 0.56
Ω,7 A MDmesh™ II Power MOSFET
TO-220, TO-220FP, IPAK, DPAK, D2PAK
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Application
■ Switching applications
Description
This series of devices implements second
generation MDmesh™ technology. This
revolutionary Power MOSFET associates a new
vertical structure to the Company’s strip layout to
yield one of the world’s lowest on-resistance and
gate charge. It is therefore suitable for the most
demanding high efficiency converters.
Figure 1.
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
max
ID
STB8NM60N
650 V
< 0.65
Ω
7 A
STD8NM60N
650 V
< 0.65
Ω
7 A
STD8NM60N-1
650 V
< 0.65
Ω
7 A
STF8NM60N
650 V
< 0.65
Ω
7 A(1)
1.
Limited only by maximum temperature allowed
STP8NM60N
650 V
< 0.65
Ω
7 A
TO-220
DPAK
IPAK
1
2
3
3
2
1
1
3
1
2
3
TO-220FP
1
3
D²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB8NM60N
B8NM60N
D²PAK
Tape and reel
STD8NM60N
D8NM60N
DPAK
Tape and reel
STD8NM60N-1
D8NM60N
IPAK
Tube
STF8NM60N
F8NM60N
TO-220FP
Tube
STP8NM60N
P8NM60N
TO-220
Tube
www.st.com


Similar Part No. - STP8NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8NM60N STMICROELECTRONICS-STP8NM60N Datasheet
492Kb / 17P
N-channel 600 V - 0.56 Ω - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
07-Jan-2008
logo
Inchange Semiconductor ...
STP8NM60N ISC-STP8NM60N Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP8NM60ND STMICROELECTRONICS-STP8NM60ND Datasheet
727Kb / 17P
N-channel 600 V, 0.59 , 7 A, FDmesh II Power MOSFET
logo
Inchange Semiconductor ...
STP8NM60ND ISC-STP8NM60ND Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP8NM60ND VBSEMI-STP8NM60ND Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - STP8NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
N-channel 600 V - 0.37 Ω - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
03-Mar-2008
STB4NK60Z STMICROELECTRONICS-STB4NK60Z_08 Datasheet
578Kb / 20P
N-channel 600 V - 1.76 Ω - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
16-Apr-2008
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
N-channel 600 V - 0.56 Ω - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
07-Jan-2008
STD5NM60 STMICROELECTRONICS-STD5NM60_08 Datasheet
561Kb / 18P
N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
01-Oct-2008
STD10NM65N STMICROELECTRONICS-STD10NM65N_08 Datasheet
527Kb / 17P
N-channel 650 V, 0.43 Ω, 9 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK
14-Oct-2008
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
N-channel 600 V, 0.37 Ω, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
03-Mar-2009
STD10NM60N STMICROELECTRONICS-STD10NM60N Datasheet
907Kb / 17P
N-channel 600 V, 0.53 ohm, 10 A, DPAK, TO-220, TO-220FP, IPAK MDmesh II Power MOSFET
24-Nov-2010
STD10NM50N STMICROELECTRONICS-STD10NM50N Datasheet
1Mb / 18P
N-channel 500 V, 0.53 Ω, 7 A DPAK, TO-220FP, TO-220 MDmesh™II Power MOSFET
26-Oct-2011
STX6NM60N STMICROELECTRONICS-STX6NM60N Datasheet
698Kb / 19P
N-channel 600 V, 0.85 Ω, 4.6 A MDmesh™ II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
21-Jan-2009
STD5NM60 STMICROELECTRONICS-STD5NM60_V01 Datasheet
558Kb / 18P
N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
01-Oct-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com