Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-RCS3TP/A Datasheet(PDF) 21 Page - STMicroelectronics

Part # M24M01-RCS3TP/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-RCS3TP/A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M24M01-RCS3TP/A Datasheet HTML 17Page - STMicroelectronics M24M01-RCS3TP/A Datasheet HTML 18Page - STMicroelectronics M24M01-RCS3TP/A Datasheet HTML 19Page - STMicroelectronics M24M01-RCS3TP/A Datasheet HTML 20Page - STMicroelectronics M24M01-RCS3TP/A Datasheet HTML 21Page - STMicroelectronics M24M01-RCS3TP/A Datasheet HTML 22Page - STMicroelectronics M24M01-RCS3TP/A Datasheet HTML 23Page - STMicroelectronics M24M01-RCS3TP/A Datasheet HTML 24Page - STMicroelectronics M24M01-RCS3TP/A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
M24M01-R, M24M01-W, M24M01-HR
DC and AC parameters
Doc ID 12943 Rev 7
21/37
6
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristic tables that
follow are derived from tests performed under the measurement conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
Figure 12.
AC measurement I/O waveform
Table 7.
Operating conditions (M24M01-R and M24M01-HR)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
TA
Ambient operating temperature
–40
85
°C
Table 8.
Operating conditions (M24M01-W)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
2.5
5.5
V
TA
Ambient operating temperature
–40
125
°C
Table 9.
AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
100
pF
Input rise and fall times
50
ns
Input levels
0.2VCC to 0.8VCC
V
Input and output timing reference levels
0.3VCC to 0.7VCC
V
Table 10.
Input parameters
Symbol
Parameter(1)
1.
Sampled only, not 100% tested.
Test condition
Min.
Max.
Unit
CIN
Input capacitance (SDA)
8
pF
CIN
Input capacitance (other pins)
6
pF
ZL
Input impedance (WC)
VIN < 0.3 VCC
30
k
Ω
ZH
VIN > 0.7VCC
400
k
Ω
AI00825B
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and Output
Timing Reference Levels
Input Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com