Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-HWMN6P/A Datasheet(PDF) 18 Page - STMicroelectronics

Part # M24M01-HWMN6P/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-HWMN6P/A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M24M01-HWMN6P/A Datasheet HTML 14Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 15Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 16Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 17Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 18Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 19Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 20Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 21Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Device operation
M24M01-R, M24M01-W, M24M01-HR
18/37
Doc ID 12943 Rev 7
3.10
Minimizing system delays by polling on ACK
During the internal Write cycle, the device disconnects itself from the bus, and writes a copy
of the data from its internal latches to the memory cells. The maximum Write time (tw) is
shown in Table 13, but the typical time is shorter. To make use of this, a polling sequence
can be used by the bus master.
The sequence, as shown in Figure 10, is:
●
Initial condition: a Write cycle is in progress.
●
Step 1: the bus master issues a Start condition followed by a device select code (the
first byte of the new instruction).
●
Step 2: if the device is busy with the internal Write cycle, no Ack will be returned and
the bus master goes back to Step 1. If the device has terminated the internal Write
cycle, it responds with an Ack, indicating that the device is ready to receive the second
part of the instruction (the first byte of this instruction having been sent during Step 1).
Figure 11.
Read mode sequences
1.
The seven most significant bits of the device select code of a Random Read (in the 1st and 4th bytes) must
be identical.
Dev sel *
Byte addr
Byte addr
Dev sel
Data out 1
AI01105d
Data out N
Current
Address
Read
Dev sel
Data out
Random
Address
Read
Dev sel *
Data out
Sequential
Current
Read
Data out N
Dev sel *
Byte addr
Byte addr
Sequention
Random
Read
Dev sel *
Data out1
ACK
R/W
NO ACK
ACK
R/W
ACK
ACK
ACK
R/W
ACK
ACK
ACK
NO ACK
R/W
NO ACK
ACK
ACK
ACK
R/W
ACK
ACK
R/W
ACK
NO ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com