Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP3NK100Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP3NK100Z
Description  N-channel 1000V - 5.4Ω - 2.5A - TO-220 - TO-220FP - DPAK Zener-protected SuperMESH™Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NK100Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP3NK100Z Datasheet HTML 1Page - STMicroelectronics STP3NK100Z Datasheet HTML 2Page - STMicroelectronics STP3NK100Z Datasheet HTML 3Page - STMicroelectronics STP3NK100Z Datasheet HTML 4Page - STMicroelectronics STP3NK100Z Datasheet HTML 5Page - STMicroelectronics STP3NK100Z Datasheet HTML 6Page - STMicroelectronics STP3NK100Z Datasheet HTML 7Page - STMicroelectronics STP3NK100Z Datasheet HTML 8Page - STMicroelectronics STP3NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
October 2007
Rev 2
1/16
16
STF3NK100Z - STD3NK100Z
STP3NK100Z
N-channel 1000V - 5.4
Ω - 2.5A - TO-220 - TO-220FP - DPAK
Zener-protected SuperMESH™ Power MOSFET
Features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatability
Application
■ Switching applications
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down,
specialties is taken to ensure a very good dv/dt
capability for the most demanding application.
Such series complements ST full range of high
voltage Power MOSFETs.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
Max
ID
PTOT
STF3NK100Z
1000V
< 6
Ω
2.5A
25W
STP3NK100Z
1000V
< 6
Ω
2.5A
90W
STD3NK100Z
1000V
< 6
Ω
2.5A
90W
1
2
3
1
2
3
TO-220
TO-220FP
1
3
DPAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STF3NK100Z
F3NK100Z
TO-220FP
Tube
STP3NK100Z
P3NK100Z
TO-220
Tube
STD3NK100Z
D3NK100Z
DPAK
Tape & reel
www.st.com


Similar Part No. - STP3NK100Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP3NK100Z ISC-STP3NK100Z Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP3NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
613Kb / 13P
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Nov-2002
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP5NK60Z STMICROELECTRONICS-STP5NK60Z Datasheet
477Kb / 14P
N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
15-Dec-2005
STP7NK40Z STMICROELECTRONICS-STP7NK40Z Datasheet
605Kb / 13P
N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Sep-2002
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
608Kb / 13P
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
September 2003
STP6NK50Z STMICROELECTRONICS-STP6NK50Z Datasheet
408Kb / 12P
N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
Apr-2004
STP5NK100Z STMICROELECTRONICS-STP5NK100Z Datasheet
435Kb / 16P
N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STF8NK100Z STMICROELECTRONICS-STF8NK100Z Datasheet
293Kb / 13P
N-CHANNEL 1000V - 1.60OHM - 6.5A - TO-220 - TO-220FP Zener-Protected SuperMESH TM MOSFET
04-Nov-2005
STP5NK60Z STMICROELECTRONICS-STP5NK60Z_02 Datasheet
585Kb / 12P
N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH™줡ower MOSFET
Sep-2002
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
N-channel 800V - 3.8Ω - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
10-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com