Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP2NK100Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP2NK100Z
Description  N-channel 1000 V, 6.25 Ω, 1.85 A, TO-220, DPAK, IPAK Zener-protected SuperMESH™Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP2NK100Z Datasheet(HTML) 3 Page - STMicroelectronics

  STP2NK100Z Datasheet HTML 1Page - STMicroelectronics STP2NK100Z Datasheet HTML 2Page - STMicroelectronics STP2NK100Z Datasheet HTML 3Page - STMicroelectronics STP2NK100Z Datasheet HTML 4Page - STMicroelectronics STP2NK100Z Datasheet HTML 5Page - STMicroelectronics STP2NK100Z Datasheet HTML 6Page - STMicroelectronics STP2NK100Z Datasheet HTML 7Page - STMicroelectronics STP2NK100Z Datasheet HTML 8Page - STMicroelectronics STP2NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STD2NK100Z - STP2NK100Z - STU2NK100Z
Electrical ratings
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
1000
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
1.85
A
ID
Drain current (continuous) at TC = 100 °C
1.16
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
7.4
A
PTOT
Total dissipation at TC = 25 °C
70
W
Derating factor
0.56
W/°C
VESD(G-S)
G-S ESD (HBM C=100 pF, R=1.5 k
Ω)
3000
V
dv/dt (2)
2.
ISD ≤ 1.85 A, di/dt ≤ 200 A/µs, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
2.5
V/ns
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
IPAK
DPAK
Rthj-case
Thermal resistance junction-case max
1.79
°C/W
Rthj-pcb
Thermal resistance junction-pcb minimum footprint
--
--
50
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
100
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C
Table 4.
Avalanche data
Symbol
Parameter
Value
Unit
IAR
(1)
1.
Pulse width limited by Tjmax
Avalanche current, repetitive or not-repetitive
1.85
A
EAS
(2)
2.
Starting Tj = 25°C, ID = IAR, VDD = 50V
Single pulse avalanche energy
170
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com