Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU2NK100Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU2NK100Z
Description  N-channel 1000 V, 6.25 Ω, 1.85 A, TO-220, DPAK, IPAK Zener-protected SuperMESH™Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU2NK100Z Datasheet(HTML) 1 Page - STMicroelectronics

  STU2NK100Z Datasheet HTML 1Page - STMicroelectronics STU2NK100Z Datasheet HTML 2Page - STMicroelectronics STU2NK100Z Datasheet HTML 3Page - STMicroelectronics STU2NK100Z Datasheet HTML 4Page - STMicroelectronics STU2NK100Z Datasheet HTML 5Page - STMicroelectronics STU2NK100Z Datasheet HTML 6Page - STMicroelectronics STU2NK100Z Datasheet HTML 7Page - STMicroelectronics STU2NK100Z Datasheet HTML 8Page - STMicroelectronics STU2NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
June 2008
Rev 2
1/16
16
STD2NK100Z
STP2NK100Z - STU2NK100Z
N-channel 1000 V, 6.25
Ω, 1.85 A, TO-220, DPAK, IPAK
Zener-protected SuperMESH™ Power MOSFET
Features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatability
Application
■ Switching applications
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down,
specialties is taken to ensure a very good dv/dt
capability for the most demanding application.
Such series complements ST full range of high
voltage Power MOSFETs.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
PTOT
STD2NK100Z
1000 V
< 8.5
Ω 1.85 A 70 W
STP2NK100Z
1000 V
< 8.5
Ω 1.85 A 70 W
STU2NK100Z
1000 V
< 8.5
Ω 1.85 A 70 W
1
2
3
TO-220
DPAK
1
3
IPAK
3
2
1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD2NK100Z
2NK100Z
DPAK
Tape and reel
STP2NK100Z
2NK100Z
TO-220
Tube
STU2NK100Z
2NK100Z
IPAK
Tube
www.st.com


Similar Part No. - STU2NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU2N105K5 STMICROELECTRONICS-STU2N105K5 Datasheet
1Mb / 21P
N-channel 1050 V, 6 Ω typ., 1.5 A MDmesh™K5 Power MOSFETs in DPAK, TO-220 and IPAK packages
14-Nov-2014
logo
Inchange Semiconductor ...
STU2N105K5 ISC-STU2N105K5 Datasheet
375Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STU2N62K3 STMICROELECTRONICS-STU2N62K3 Datasheet
1Mb / 25P
N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
20-Mar-2012
logo
VBsemi Electronics Co.,...
STU2N62K3 VBSEMI-STU2N62K3 Datasheet
977Kb / 9P
N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
STU2N62K3 ISC-STU2N62K3 Datasheet
344Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STU2NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
613Kb / 13P
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Nov-2002
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
608Kb / 13P
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
September 2003
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
16-Aug-2006
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
N-channel 800V - 3.8Ω - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
10-Aug-2006
STP5NK52ZD STMICROELECTRONICS-STP5NK52ZD Datasheet
396Kb / 17P
N-channel 520V - 1.22Ω - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH??Power MOSFET
23-Mar-2006
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
N-channel 800 V, 3.8 Ω, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH™Power MOSFET
07-Sep-2009
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
N-channel 900V - 5Ω - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
27-Jul-2006
STF5NK52ZD STMICROELECTRONICS-STF5NK52ZD Datasheet
777Kb / 17P
N-channel 520 V,1.22 Ω,4.4 A,TO-220,IPAK,I2PAK,DPAK,TO-220FP Zener-protected SuperMESH™ Power MOSFET
15-Sep-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com