Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT203 Datasheet(PDF) 2 Page - CUI INC

Part # AMT203
Description  12 BIT AB SOLUTE ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT203 Datasheet(HTML) 2 Page - CUI INC

  AMT203 Datasheet HTML 1Page - CUI INC AMT203 Datasheet HTML 2Page - CUI INC AMT203 Datasheet HTML 3Page - CUI INC AMT203 Datasheet HTML 4Page - CUI INC AMT203 Datasheet HTML 5Page - CUI INC AMT203 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
date
page
10/2010
2 of 6
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
PART NUMBER:
DESCRIPTION:
AMT203
12 BIT ABSOLUTE ENCODER
AMT203-V KIT
In order to provide maximum flexibility for our customers, the AMT203 series is provided in kit form standard. This allows the user to
implement the encoder into a range of applications using one sku#, reducing engineering and inventory costs.
(4.76mm)
3mm
4mm
m
m
2
m
m
5
3/16 inch
1/4 inch
(6.35mm)
(3.175mm)
6mm
8mm
1/8 inch
Snow
e
u
l
B
y
k
S
t
h
g
i
L
e
g
n
a
r
O
1
e
l
p
r
u
P
0
6
y
a
r
G
1
w
o
ll
e
Y
1
d
e
R
Green1
Blue
SLEEVES
ADAPTER
SHAFT
BASE
TOOL A
TOP COVER
TOOL C
CUSTOM CONFIG KEY
For customers that prefer a specific AMT203 configuration, please reference the custom configuration key below.
AMT203 - XXXX - XXXX
Sleeve Bore Diameter:
2000 = 2 mm
3000 = 3 mm
3175 = 3.175 mm (1/8”)
4000 = 4 mm
4760 = 4.76 mm (3/16”)
5000 = 5 mm
6000 = 6 mm
6350 = 6.35 mm (1/4”)
8000 = 8 mm
Resolution (ppr):
0096
0192
0200
0250
0400
0500
0512
0640
1024



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com