Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2141 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STMPS2141
Description  Enhanced single channel power switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2141 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STMPS2141_09 Datasheet HTML 6Page - STMicroelectronics STMPS2141_09 Datasheet HTML 7Page - STMicroelectronics STMPS2141_09 Datasheet HTML 8Page - STMicroelectronics STMPS2141_09 Datasheet HTML 9Page - STMicroelectronics STMPS2141_09 Datasheet HTML 10Page - STMicroelectronics STMPS2141_09 Datasheet HTML 11Page - STMicroelectronics STMPS2141_09 Datasheet HTML 12Page - STMicroelectronics STMPS2141_09 Datasheet HTML 13Page - STMicroelectronics STMPS2141_09 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Functional description
STMPS2141, STMPS2151, STMPS2161, STMPS2171
10/34
Doc ID 13793 Rev 4
3.4
Reversed current blocking
When the switch is OFF (disabled through the EN pin), or when the STMPS device is un-
powered (VCC = 0 V) the switch behaves as an Hi-Z at the output pin, ensuring that no
reverse current will flow into the device when Vi < Vo .
Note:
In the case where the switch is ON, and a voltage higher than VIN is applied to the OUT pin,
a reverse current occurs. This operating condition is not allowed.
3.5
UVLO
When the input voltage drops below critical values, the power switch turns off to prevent
improper operation due to low voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com