Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF13NK50Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF13NK50Z
Description  N-channel 500 V, 0.40 Ω, 11 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH™ Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF13NK50Z Datasheet(HTML) 3 Page - STMicroelectronics

  STF13NK50Z Datasheet HTML 1Page - STMicroelectronics STF13NK50Z Datasheet HTML 2Page - STMicroelectronics STF13NK50Z Datasheet HTML 3Page - STMicroelectronics STF13NK50Z Datasheet HTML 4Page - STMicroelectronics STF13NK50Z Datasheet HTML 5Page - STMicroelectronics STF13NK50Z Datasheet HTML 6Page - STMicroelectronics STF13NK50Z Datasheet HTML 7Page - STMicroelectronics STF13NK50Z Datasheet HTML 8Page - STMicroelectronics STF13NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STx13NK50Z
Electrical ratings
3/15
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220, TO-247
TO-220FP
VDS
Drain-source voltage (VGS = 0)
500
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous)
at TC = 25 °C
11
11(1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous)
at TC=100 °C
6.93
6.93(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
44
44(1)
A
PTOT
Total dissipation at TC = 25 °C
140
30
W
Derating factor
1.12
0.24
W/°C
dv/dt(3)
3.
ISD ≤ 11 A, di/dt ≤ 200 A/µs, VDD ≤ 80% V(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (RMS)
from all three leads to external heat sin
(t=1 s;TC= 25 °C)
2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
TO-247
TO-220FP
Rthj-case
Thermal resistance junction-case max
0.89
4.17
°C/W
Rthj-a
Thermal resistance junction-ambient
max
62.5
50
62.5
°C/W
Tl
Maximum lead temperature for
soldering purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj Max)
11
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD= 50 V)
240
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com