Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF871 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF871
Description  UHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF871 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF871 Datasheet HTML 1Page - NXP Semiconductors BLF871 Datasheet HTML 2Page - NXP Semiconductors BLF871 Datasheet HTML 3Page - NXP Semiconductors BLF871 Datasheet HTML 4Page - NXP Semiconductors BLF871 Datasheet HTML 5Page - NXP Semiconductors BLF871 Datasheet HTML 6Page - NXP Semiconductors BLF871 Datasheet HTML 7Page - NXP Semiconductors BLF871 Datasheet HTML 8Page - NXP Semiconductors BLF871 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
BLF871_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2009
2 of 18
NXP Semiconductors
BLF871
UHF power LDMOS transistor
I Integrated ESD protection
I Excellent ruggedness
I High power gain
I High efficiency
I Excellent reliability
I Easy power control
I Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
I Communication transmitter applications in the UHF band
I Industrial applications in the UHF band
2.
Pinning information
[1]
Connected to flange.
3.
Ordering information
4.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
drain
2
gate
3
source
[1]
1
2
3
sym112
1
3
2
Table 3.
Ordering information
Type number Package
Name Description
Version
BLF871
-
flanged LDMOST ceramic package; 2 mounting holes; 2 leads SOT467C
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
89
V
VGS
gate-source voltage
−0.5
+13
V
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
200
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com