Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1030 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCD1030
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1030 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCD1030 Datasheet HTML 7Page - STMicroelectronics STCD1030 Datasheet HTML 8Page - STMicroelectronics STCD1030 Datasheet HTML 9Page - STMicroelectronics STCD1030 Datasheet HTML 10Page - STMicroelectronics STCD1030 Datasheet HTML 11Page - STMicroelectronics STCD1030 Datasheet HTML 12Page - STMicroelectronics STCD1030 Datasheet HTML 13Page - STMicroelectronics STCD1030 Datasheet HTML 14Page - STMicroelectronics STCD1030 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
STCD1020, STCD1030, STCD1040
Device operation
Doc ID 13823 Rev 6
11/40
3
Device operation
The STCD1020, STCD1030 and STCD1040 are 2, 3 or 4 buffered unity gain clock
distribution circuits. They accept the clock input from an external clock source and send 2, 3
or 4 buffered outputs to different devices.
Each clock output of the STCD1020, STCD1030 and STCD1040 can be enabled for the
device connected to it. If the device connected is in standby and does not require a clock,
the buffer can be disabled to save power consumption. If all the devices connected are in
standby, the STCD1020, STCD1030 and STCD1040 will also be put into standby mode for
further power consumption saving. The enable signals and output clock signals truth table
are given in Table 3.
The input DC cut capacitor is embedded in STCD1020, STCD1030 and STCD1040. A
capacitor outside is needed for each of the clock outputs. The STCD1020, STCD1030 and
STCD1040 are internally biased at 1/2 VCC DC voltage level at the outputs.
Note:
"0" means logic low and "1" means logic high. When NO CLOCK outputs, the CLKx pins
stay at high impedance.
Table 3.
Truth table for enable signals (EN 1-4) and output clocks (CLK1-4)
EN1
EN2
EN3
EN4
CLK1
CLK2
CLK3
CLK4
0
0
0
0
NO CLOCK
NO CLOCK
NO CLOCK
NO CLOCK
1
0
0
0
CLOCK
NO CLOCK
NO CLOCK
NO CLOCK
1
1
0
0
CLOCK
CLOCK
NO CLOCK
NO CLOCK
...
...
...
...
...
...
...
...
1
1
1
1
CLOCK
CLOCK
CLOCK
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com