Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8T6XXX Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32F103C8T6XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8T6XXX Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32F103C8T6XXX Datasheet HTML 87Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 88Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 89Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 90Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 91Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 92Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 93Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 94Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 96 page
background image
STM32F103x8, STM32F103xB
Revision history
Doc ID 13587 Rev 12
91/96
18-Oct-2007
3
STM32F103CBT6, STM32F103T6 and STM32F103T8 root part
numbers added (see Table 2: STM32F103xx medium-density device
features and peripheral counts)
VFQFPN36 package added (see Section 6: Package characteristics).
All packages are ECOPACK® compliant. Package mechanical data
inch values are calculated from mm and rounded to 4 decimal digits
(see Section 6: Package characteristics).
Table 5: Medium-density STM32F103xx pin definitions updated and
clarified.
Table 26: Low-power mode wakeup timings updated.
TA min corrected in Table 12: Embedded internal reference voltage.
Note 2 added below Table 22: HSE 4-16 MHz oscillator characteristics.
VESD(CDM) value added to Table 32: ESD absolute maximum ratings.
Note 3 added and VOH parameter description modified in Table 35:
Output voltage characteristics.
Note 1 modified under Table 36: I/O AC characteristics.
Equation 1 and Table 46: RAIN max for fADC = 14 MHz added to
Section 5.3.17: 12-bit ADC characteristics.
VAIN, tS max, tCONV, VREF+ min and tlat max modified, notes modified
and tlatr added in Table 45: ADC characteristics.
Figure 36: ADC accuracy characteristics updated. Note 1 modified
below Figure 37: Typical connection diagram using the ADC.
Electrostatic discharge (ESD) on page 57 modified.
Number of TIM4 channels modified in Figure 1: STM32F103xx
performance line block diagram.
Maximum current consumption Table 13, Table 14 and Table 15
updated. Vhysmodified in Table 34: I/O static characteristics.
Table 48: ADC accuracy updated. tVDD modified in Table 10: Operating
conditions at power-up / power-down. VFESD value added in Table 30:
EMS characteristics.
Values corrected, note 2 modified and note 3 removed in Table 26:
Low-power mode wakeup timings.
Table 16: Typical and maximum current consumptions in Stop and
Standby modes: Typical values added for VDD/VBAT = 2.4 V, Note 2
modified, Note 2 added.
Table 21: Typical current consumption in Standby mode added. On-chip
peripheral current consumption on page 48 added.
ACCHSI values updated in Table 24: HSI oscillator characteristics.
Vprog added to Table 28: Flash memory characteristics.
Upper option byte address modified in Figure 10: Memory map.
Typical fLSI value added in Table 25: LSI oscillator characteristics and
internal RC value corrected from 32 to 40 kHz in entire document.
TS_temp added to Table 49: TS characteristics. NEND modified in
Table 29: Flash memory endurance and data retention.
TS_vrefint added to Table 12: Embedded internal reference voltage.
Handling of unused pins specified in General input/output
characteristics on page 58. All I/Os are CMOS and TTL compliant.
Figure 38: Power supply and reference decoupling (VREF+ not
connected to VDDA) modified.
tJITTER and fVCO removed from Table 27: PLL characteristics.
Appendix A: Important notes on page 81 added.
Added Figure 15, Figure 16, Figure 18 and Figure 20.
Table 59.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com