Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP95N2LH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP95N2LH5
Description  N-channel 25 V, 0.0038 Ω, 80 A, DPAK, IPAK, TO-220 STripFET™V Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP95N2LH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP95N2LH5 Datasheet HTML 1Page - STMicroelectronics STP95N2LH5 Datasheet HTML 2Page - STMicroelectronics STP95N2LH5 Datasheet HTML 3Page - STMicroelectronics STP95N2LH5 Datasheet HTML 4Page - STMicroelectronics STP95N2LH5 Datasheet HTML 5Page - STMicroelectronics STP95N2LH5 Datasheet HTML 6Page - STMicroelectronics STP95N2LH5 Datasheet HTML 7Page - STMicroelectronics STP95N2LH5 Datasheet HTML 8Page - STMicroelectronics STP95N2LH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
April 2010
Doc ID 13834 Rev 5
1/17
17
STD95N2LH5
STP95N2LH5, STU95N2LH5
N-channel 25 V, 0.0038
Ω, 80 A, DPAK, IPAK, TO-220
STripFET™ V Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ High avalanche ruggedness
■ Low gate drive power losses
Application
■ Switching applications
Description
This STripFET™V Power MOSFET technology is
among the latest improvements, which have been
especially tailored to achieve very low on-state
resistance providing also one of the best-in-class
FOM (figure of merit).
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STD95N2LH5
25 V
< 0.0045
Ω
80 A
STP95N2LH5
25 V
< 0.0049
Ω
80 A
STU95N2LH5
25 V
< 0.0049
Ω
80 A
DPAK
1
3
3
2
1
IPAK
1
2
3
TO-220
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD95N2LH5
95N2LH5
DPAK
Tape and reel
STP95N2LH5
95N2LH5
TO-220
Tube
STU95N2LH5
95N2LH5
IPAK
Tube
www.st.com


Similar Part No. - STP95N2LH5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP95N2LH5 ISC-STP95N2LH5 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP95N2LH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
342Kb / 15P
N-channel 25 V - 0.0038 Ω - 80 A - DPAK - IPAK STripFET??V Power MOSFET
20-Feb-2008
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5 Datasheet
231Kb / 12P
N-channel 25 V, 0.01 Ω, 40 A, DPAK, IPAK STripFET??V Power MOSFET
23-Sep-2008
STD70N2LH5 STMICROELECTRONICS-STD70N2LH5 Datasheet
232Kb / 12P
N-channel 25 V, 0.006 Ω, 48 A - DPAK - IPAK STripFET??V Power MOSFET
23-Sep-2008
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
25-Sep-2008
STD90N4F3 STMICROELECTRONICS-STD90N4F3_08 Datasheet
433Kb / 16P
N-channel 40 V, 5.4 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
15-Jul-2008
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_08 Datasheet
351Kb / 15P
N-channel 25 V, 0.0038 Ω, 80 A - DPAK - IPAK STripFET??V Power MOSFET
23-Sep-2008
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET™V Power MOSFET
01-Jul-2010
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5_09 Datasheet
391Kb / 16P
N-channel 30 V, 0.0072 Ω, 48 A DPAK, IPAK, TO-220 STripFET??V Power MOSFET
20-Apr-2009
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
N-channel 30 V, 0.0037 Ω , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
10-Nov-2009
STD27N3LH5 STMICROELECTRONICS-STD27N3LH5 Datasheet
1,021Kb / 21P
N-channel 30 V, 0.014, 27 A, DPAK, IPAK, TO-220 STripFET V Power MOSFET
07-Mar-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com