Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL128DN Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL128DN
Description  High voltage fast-switching NPN power transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL128DN Datasheet(HTML) 4 Page - STMicroelectronics

  STL128DN Datasheet HTML 1Page - STMicroelectronics STL128DN Datasheet HTML 2Page - STMicroelectronics STL128DN Datasheet HTML 3Page - STMicroelectronics STL128DN Datasheet HTML 4Page - STMicroelectronics STL128DN Datasheet HTML 5Page - STMicroelectronics STL128DN Datasheet HTML 6Page - STMicroelectronics STL128DN Datasheet HTML 7Page - STMicroelectronics STL128DN Datasheet HTML 8Page - STMicroelectronics STL128DN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STL128DN
4/14
Doc ID 13984 Rev 3
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off
current (VBE = 0)
VCE = 700 V
VCE = 700 V Tc = 125 °C
100
500
µA
µA
ICEO
Collector cut-off
current (IB = 0)
VCE = 400 V
250
µA
V(BR)EBO
Emitter-base
breakdown voltage
(IC = 0)
IE = 10 mA
9
18
V
VCEO(sus)
(1)
Collector-emitter
sustaining voltage
(IB = 0)
IC = 10 mA
400
V
VCE(sat)
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %.
Collector-emitter
saturation voltage
IC = 1 A
IB = 0.2 A
IC = 2 A
IB = 0.4 A
0.5
1
V
V
VBE(sat)
(1)
Base-emitter
saturation voltage
IC = 1 A
IB = 0.2 A
IC = 2 A
IB = 0.4 A
1.2
1.3
V
V
hFE
(1)
DC current gain
IC = 10 mA
VCE = 5 V
IC = 2 A
VCE = 5 V
10
824
VF
Diode forward voltage
IF = 1 A
2.5
V
ts
tf
Resistive load
Storage time
Fall time
IC = 1 A
IB1 = - IB2 = 0.2 A
VCC = 125 V
tp = 20 µs
4.5
0.4
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com