Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T08 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T08
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T08_10 Datasheet HTML 9Page - STMicroelectronics M48T08_10 Datasheet HTML 10Page - STMicroelectronics M48T08_10 Datasheet HTML 11Page - STMicroelectronics M48T08_10 Datasheet HTML 12Page - STMicroelectronics M48T08_10 Datasheet HTML 13Page - STMicroelectronics M48T08_10 Datasheet HTML 14Page - STMicroelectronics M48T08_10 Datasheet HTML 15Page - STMicroelectronics M48T08_10 Datasheet HTML 16Page - STMicroelectronics M48T08_10 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
M48T08, M48T08Y, M48T18
Operation modes
Doc ID 2411 Rev 10
13/31
2.3
Data retention mode
With valid VCC applied, the M48T08/18/08Y operates as a conventional BYTEWIDE™ static
RAM. Should the supply voltage decay, the RAM will automatically power-fail deselect, write
protecting itself when VCC falls within the VPFD (max), VPFD (min) window. All outputs
become high impedance, and all inputs are treated as “Don't care.”
Note:
A power failure during a WRITE cycle may corrupt data at the currently addressed location,
but does not jeopardize the rest of the RAM's content. At voltages below VPFD (min), the
user can be assured the memory will be in a write protected state, provided the VCC fall time
is not less than tF. The M48T08/18/08Y may respond to transient noise spikes on VCC that
reach into the deselect window during the time the device is sampling VCC. Therefore,
decoupling of the power supply lines is recommended.
When VCC drops below VSO, the control circuit switches power to the internal battery which
preserves data and powers the clock. The internal button cell will maintain data in the
M48T08/18/08Y for an accumulated period of at least 10 years when VCC is less than VSO.
Note:
Requires use of M4T32-BR12SH SNAPHAT® top when using the SOH28 package.
As system power returns and VCC rises above VSO, the battery is disconnected and the
power supply is switched to external VCC.
Write protection continues until VCC reaches VPFD (min) plus trec (min). E1 should be kept
high or E2 low as VCC rises past VPFD (min) to prevent inadvertent WRITE cycles prior to
system stabilization. Normal RAM operation can resume trec after VCC exceeds VPFD (max).
For more information on battery storage life refer to the application note AN1012.
2.4
Power-fail interrupt pin
The M48T08/18/08Y continuously monitors VCC. When VCC falls to the power-fail detect trip
point, an interrupt is immediately generated. An internal clock provides a delay of between
10 µs and 40 µs before automatically deselecting the M48T08/18/08Y. The INT pin is an
open drain output and requires an external pull-up resistor, even if the interrupt output
function is not being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com