Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6208C Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST6208C
Description  8-bit MCUs with A/D converter,two timers, oscillator safeguard & safe reset
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6208C Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST6208C Datasheet HTML 86Page - STMicroelectronics ST6208C Datasheet HTML 87Page - STMicroelectronics ST6208C Datasheet HTML 88Page - STMicroelectronics ST6208C Datasheet HTML 89Page - STMicroelectronics ST6208C Datasheet HTML 90Page - STMicroelectronics ST6208C Datasheet HTML 91Page - STMicroelectronics ST6208C Datasheet HTML 92Page - STMicroelectronics ST6208C Datasheet HTML 93Page - STMicroelectronics ST6208C Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
ST6208C/ST6209C/ST6210C/ST6220C
90/104
11 GENERAL INFORMATION
11.1 PACKAGE MECHANICAL DATA
Figure 74. 20-Pin Plastic Dual In-Line Package, 300-mil Width
Figure 75. 20-Pin Ceramic Side-Brazed Dual In-Line Package
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95 0.115 0.130 0.195
b
0.36
0.46
0.56 0.014 0.018 0.022
b2
1.14
1.52
1.78 0.045 0.060 0.070
c
0.20
0.25
0.36 0.008 0.010 0.014
D
24.89 26.16 26.92 0.980 1.030 1.060
D1
0.13
0.005
e
2.54
0.100
eB
10.92
0.430
E1
6.10
6.35
7.11 0.240 0.250 0.280
L
2.92
3.30
3.81 0.115 0.130 0.150
Number of Pins
N
20
E1
D
D1
b
e
A
A1
L
A2
c
eB
11
10
1
20
b2
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.63
0.143
A1
0.38
0.015
B
3.56 0.46 0.56 0.140 0.018 0.022
B1
1.14 12.70 1.78 0.045 0.500 0.070
C
0.20 0.25 0.36 0.008 0.010 0.014
D
24.89 25.40 25.91 0.980 1.000 1.020
D1
22.86
0.900
E1
6.99 7.49 8.00 0.275 0.295 0.315
e
2.54
0.100
G
6.35 6.60 6.86 0.250 0.260 0.270
G1
9.47 9.73 9.98 0.373 0.383 0.393
G2
1.14
0.045
L
2.92 3.30 3.81 0.115 0.130 0.150
S
12.70
0.500
Ø
4.22
0.166
Number of Pins
N20
CDIP20W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com