Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T10C6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST62T10C6
Description  8-bit MCUs with A/D converter,two timers, oscillator safeguard & safe reset
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T10C6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST62T10C6 Datasheet HTML 2Page - STMicroelectronics ST62T10C6 Datasheet HTML 3Page - STMicroelectronics ST62T10C6 Datasheet HTML 4Page - STMicroelectronics ST62T10C6 Datasheet HTML 5Page - STMicroelectronics ST62T10C6 Datasheet HTML 6Page - STMicroelectronics ST62T10C6 Datasheet HTML 7Page - STMicroelectronics ST62T10C6 Datasheet HTML 8Page - STMicroelectronics ST62T10C6 Datasheet HTML 9Page - STMicroelectronics ST62T10C6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
ST6208C/ST6209C/ST6210C/ST6220C
6/104
1 INTRODUCTION
The ST6208C, 09C, 10C and 20C devices are low
cost members of the ST62xx 8-bit HCMOS family
of microcontrollers, which is targeted at low to me-
dium complexity applications. All ST62xx devices
are based on a building block approach: a com-
mon core is surrounded by a number of on-chip
peripherals.
The ST62E20C is the erasable EPROM version of
the ST62T08C, T09C, T10C and T20C devices,
which may be used during the development phase
for the ST62T08C, T09C, T10C and T20C target
devices, as well as the respective ST6208C, 09C,
10C and 20C ROM devices.
OTP and EPROM devices are functionally identi-
cal. OTP devices offer all the advantages of user
programmability at low cost, which make them the
ideal choice in a wide range of applications where
frequent code changes, multiple code versions or
last minute programmability are required.
The ROM based versions offer the same function-
ality, selecting the options defined in the program-
mable option bytes of the OTP/EPROM versions
in the ROM option list (See Section 11.6 on page
96).
The ST62P08C/P09C/P10C/P20C are the Factory
Advanced Service Technique ROM (FASTROM)
versions of ST62T08C, T09C, T10C and T20C
OTP devices.
They offer the same functionality as OTP devices,
but they do not have to be programmed by the
customer (See Section 11 on page 90).
These compact low-cost devices feature a Timer
comprising an 8-bit counter with a 7-bit program-
mable prescaler, an 8-bit A/D Converter with up to
8 analog inputs (depending on device) and a Dig-
ital Watchdog timer, making them well suited for a
wide range of automotive, appliance and industrial
applications.
For easy reference, all parametric data are located
in Section 11 on page 90.
Figure 1. Block Diagram
NMI
INTERRUPTS
PROGRAM
PC
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
POWER
SUPPLY
OSCILLATOR
RESET
DATA ROM
USER
SELECTABLE
DATA RAM
64 Bytes
PORT A
PORT B
TIMER
8-BIT CORE
8-BIT *
A/D CONVERTER
PA0..PA3 (20mA Sink)
PB0..PB7 / Ain*
TIMER
VDD VSS OSCin OSCout
RESET
WATCHDOG
:
MEMORY
TIMER
(1K, 2K
* Depending on device. Please refer to I/O Port section.
or 4K Bytes)
VPP
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com