Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-2345 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # SC-2345
Description  Portable, Shielded SCC Module Carriers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

SC-2345 Datasheet(HTML) 4 Page - National Instruments Corporation

  SC-2345 Datasheet HTML 1Page - National Instruments Corporation SC-2345 Datasheet HTML 2Page - National Instruments Corporation SC-2345 Datasheet HTML 3Page - National Instruments Corporation SC-2345 Datasheet HTML 4Page - National Instruments Corporation SC-2345 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ordering Information
NI SC-2345 Connector Block with
SCC-PWR01..............................................................777458-01
SCC-PWR02..............................................................777458-02
SCC-PWR03..............................................................777458-03
NI SC-2345 with Configurable Connectors (side 68-pin) with
SCC-PWR01..............................................................777722-01
SCC-PWR02..............................................................777722-02
SCC-PWR03..............................................................777722-03
NI SC-2345 with Configurable Connectors (rear 68-pin) with
SCC-PWR01..............................................................778018-01
SCC-PWR02..............................................................778018-02
SCC-PWR03..............................................................778018-03
SC-2350 with Configurable TEDS Connectors
SCC-PWR01..............................................................778990-01
SCC-PWR02..............................................................778990-02
SCC-PWR03..............................................................778990-03
Separate Power Modules
SCC-PWR01 ..................................................................183971-01
SCC-PWR02 ..................................................................183971-02
SCC-PWR03 ..................................................................183971-03
Power Cords for the SCC-PWR-02
U.S. 120 VAC..................................................................763000-01
Japan 100 VAC ..............................................................763000-01
United Kingdom 240 VAC ............................................763064-01
Swiss 220 VAC ..............................................................763065-01
Australian 240................................................................763066-01
Universal Euro 240 VAC................................................763067-01
North American 240 VAC ............................................763068-01
Panelettes
Minithermocouple, J-type (2 included) ......................184736-01
Minithermocouple, K-type (2 included) ....................184736-02
Minithermocouple, uncompensated (2 included) ......184736-03
Thermocouple, J-type ..................................................187597-01
Thermocouple, K-type..................................................187597-02
Thermocouple, uncompensated ..................................187597-03
BNC (2 included)..........................................................184737-01
Banana jack (2 included) ..............................................186405-01
LEMO (B-Series)
2-pin, female..............................................................187585-01
4-pin, female..............................................................187585-02
6-pin, female..............................................................187585-03
MIL–C–26482 (Series 1)
MS 3112 E 8-2 S ......................................................187591-01
MS 3112 E 8-2 S ......................................................187591-02
MS 3112 E 8-4 S ......................................................187591-03
Panelettes (continued)
SMB (4 included) ..........................................................185505-01
9-pin D-Sub
1 male ........................................................................184738-01
2 male ........................................................................184738-02
1 female......................................................................184738-03
2 female......................................................................184738-04
Strain relief (small) ......................................................184721-01
Blank ..............................................................................184483-01
Momentary push-button switches (2 included) ........185380-01
Rocker switch (on/off/on) ............................................185379-01
Toggle switches (on/off/on, 2 included) ......................185378-01
Potentiometer (10 kΩ, single-turn) ............................185377-01
LEDs (4 included-1 green, 1 red,
1 orange, 1 yellow) ....................................................185376-01
Cables
SH6868-EP
1 m ............................................................................184749-01
2 m ............................................................................184749-02
SH68-68R1-EP ..............................................................187051-01
R6868 ............................................................................182482-01
SH1006868
1 m ............................................................................182849-01
2 m ............................................................................182849-02
PSHR68-68 shielded cable kit ......................................777293-01
SHC6868-EP..................................................................186838-01
Accessories
Rack-mount kit (1U) ....................................................777665-01
Stacking kit ....................................................................777666-01
Panel mount kit ............................................................187243-01
Strain relief kit1 ............................................................187407-01
1You cannot use the strain relief kit in conjunction with the rack-mount, panel-
mount, or stacking kits.
BUY ONLINE!
Visit ni.com/info and enter sc2345 or sc2350.
4 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Portable, Shielded SCC Module Carriers
SCC-PWR01
Input..................................................................
5 VDC ±5% from an external source, E Series,
or Basic multifunction DAQ device
Output...............................................................
+5 VDC, 100% efficiency ±15 VDC, 62% efficiency
SCC-PWR02
Input..................................................................
100 to 240 VAC, 1 A maximum
Output ..............................................................
+5 VDC, 1 A
±15 VDC, ±0.3 A
SCC-PWR03
Input ................................................................
7 to 42 VDC (from external source)
Output...............................................................
+5 VDC, 75% efficiency
±15 VDC, 46% efficiency
Physical Dimensions
SCC modules ....................................................
8.9 by 2.9 by 1.9 cm
(3.5 by 1.2 by 0.7 in.)
SC-2345 connector block .................................
24.1 by 26.2 by 3.94 cm
(9.5 by 10.3 by 1.6 in.)
SC-2345 with configurable connectors
and SC-2350 .....................................................
30.6 by 25.4 by 4.4 cm
(12.1 by 10 by 1.7 in.)
External AC adapter (for SCC-PWR02) ............
15.5 by 8.5 by 4.8 cm
(6.1 by 3.3 by 1.9 in.)
Connectors
SC-2345 cable ..................................................
68-pin male SCSI II
SCC input..........................................................
Removable screw terminal or
minithermocouple connector
SCC output ......................................................
20-pin right-angle male connector
Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com