Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BAS70
Description  SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAS70 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BAS70 Datasheet HTML 1Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BAS70/-04/-05/-06
PRV : 70 Volts
Io : 200 mA
FEATURES :
* These diodes feature very low turn-on voltage
* Fast switching
* These devices are protected by a PN junction
guard ring against excessive voltage, such
as electrostatic discharges
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SOT-23 plastic Case
* BAS70
Marking Code : 73
* BAS70-04 Marking Code : 74
* BAS70-05 Marking Code : 75
* BAS70-06 Marking Code : 76
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS ( Ta = 25 °C, unless otherwise specified)
Parameter
Symbol
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum Working Peak Reverse Voltage
VRWM
V
Maximum DC Blocking Voltage
VR
V
Maximum Forward Continuous Current
IF
mA
Maximum Peak Forward Surge Current at tp < 1 s
IFSM
mA
Total Power Dissipation
Ptot
mW
Thermal Resistance Junction to Ambient Air
RӨJA
K/W
Junction Temperature Range
TJ
°C
Storage Temperature Range
TSTG
°C
ELECTRICAL CHARACTERISTICS (Ta = 25 °C, unless otherwise specified.
Parameter
Test Condition
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
IR = 10 µA (pulses)
V(BR)
70
-
-
V
Leakage Current
VR = 50 V
IR
-
20
100
nA
Forward Voltage
IF = 1.0 mA
VF
-
-
410
mV
(Note 2)
IF = 15 mA
VF
--
1
V
Diode Capacitance
VR = 0 V, f = 1 MHz
Ctot
-
1.5
2
pF
Reverse Recovery Time
IF = 10 mA , IR = 10 mA,
Irr = 1A , RL = 100 Ω
Notes :
(1) Device on fiberglass substrate
(2) Pulse test tp < 300 µs
Page 1 of 1
Rev. 01 : May 23, 2006
70
430
(1)
-65 to +150
SMALL SIGNAL SCHOTTKY
DIODE, SINGLE & DUAL
125
Value
70
200
(1)
600
(1)
200
(1)
70
Trr
ns
5
--
3
1
2
BAS70
3
1
2
BAS70-04
3
1
2
BAS70-05
3
1
2
BAS70-06
3
1
2
1.02
0.89
2.04
1.78
3.10
2.70
Dimensions in millimeters
0.19
0.08
0.50
0.35
0.100
0.013
1.40
0.95
SOT-23
IATF 0060636
SGS TH07/1033
TH09/2479
TH97/2478


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70 VISHAY-BAS70 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
logo
Diodes Incorporated
BAS70 DIODES-BAS70 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT54 VISHAY-BAT54 Datasheet
115Kb / 5P
Small Signal Schottky Diodes, Single Dual
24-Nov-04
SD0520LS VISHAY-SD0520LS Datasheet
67Kb / 3P
Small Signal Schottky Diode, Dual
09-Jul-04
BAS40-00-V VISHAY-BAS40-00-V Datasheet
156Kb / 5P
Small Signal Schottky Diodes, Single & Dual
27-Sep-06
BAS70-00-V VISHAY-BAS70-00-V Datasheet
156Kb / 5P
Small Signal Schottky Diodes, Single & Dual
27-Sep-06
logo
EIC discrete Semiconduc...
BAT54 EIC-BAT54 Datasheet
111Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL
logo
Vishay Siliconix
BAS40-00-V VISHAY-BAS40-00-V_10 Datasheet
136Kb / 5P
Small Signal Schottky Diodes, Single & Dual
05-Aug-10
BAS70-00-V VISHAY-BAS70-00-V_10 Datasheet
137Kb / 5P
Small Signal Schottky Diodes, Single & Dual
05-Aug-10
BAS70-00-V VISHAY-BAS70-00-V_12 Datasheet
78Kb / 4P
Small Signal Schottky Diodes, Single & Dual
05-Aug-10
SD0520LS-GS08 VISHAY-SD0520LS-GS08 Datasheet
92Kb / 4P
Small Signal Schottky Diode, Dual
09-Jul-04
BAS40-00-V VISHAY-BAS40-00-V_15 Datasheet
78Kb / 5P
Small Signal Schottky Diodes, Single & Dual
05-Aug-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com