Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT43WS Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BAT43WS
Description  SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAT43WS Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BAT43WS Datasheet HTML 1Page - EIC discrete Semiconductors BAT43WS Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( BAT42WS - BAT43WS )
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG2. - TOTAL CAPACITANCE VS.
REVERSE VOLTAGE
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
Page 2 of 2
Rev. 03 : May 8, 2006
100
80
60
40
20
0
0
25
50
75
100
125
150
0
5
10
20
25
40
35
30
15
1.0
10
100
AMBIENT TEMPERATURE, Ta (°C)
REVERSE VOLTAGE, VR (V)
INSTANTANEOUS FORWARD
VOLTAGE, VF (V)
INSTANTANEOUS REVERSE
VOLTAGE, VR (V)
010
20
40
30
0
0.2
0.4
0.6
0.8
1.0
0.1
1.0
10
100
1000
100
10
1.0
0.1
0.01
Tj = 125 °C
Tj = 25 °C
f = 1 MHz
Ta = 25 °C
Ta = 125 °C
Ta = 25 °C
Ta = 125 °C
Certificate TH97/10561QM
Certificate TW00/17276EM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com