Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BAV20WS
Description  SMALL SIGNAL DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAV20WS Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BAV20WS Datasheet HTML 1Page - EIC discrete Semiconductors BAV20WS Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV19WS ~ BAV21WS
SMALL SIGNAL DIODES
PRV : 100 Volts
Io : 250 mA
FEATURES :
* Silicon Epitaxial Planar Diode
* For General Purpose
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SOD-323 plastic Case
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Parameter
Symbol
BAV19WS
BAV20WS
BAV21WS
Unit
Reverse Voltage
VR
100
150
200
V
Peak Reverse Voltage
VRM
120
200
250
V
Rectified Current (Average)
Half Wave Rectification with Resist. Load
at Tamb = 25 °C and f ≥ 50 Hz
Surge Forward Current at t < 1 s and Tj = 25
°C
IFSM
1.0
A
Power Dissipation at Tamb = 25 °C
Ptot
200
1)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
-65 to + 175
°C
ELECTRICAL CHARACTERISTICS (Rating at Tj = 25
°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
IF = 100 mA
-
-
1
V
IF = 200 mA
-
-
1.25
V
Leakage Current
BAV19WS
VR = 100 V
-
-
100
BAV20WS
IR
VR = 150 V
-
-
100
BAV21WS
VR = 200 V
-
-
100
Capacitance
Ctot
VF = VR = 0 V
-
-
1.5
pF
IF = 30 mA, IR = 30mA
Irr = 3 mA, RL = 100Ω
Note : 1) Valid provided that electrodes are kept at ambient temperature
Page 1 of 2
Rev. 03 : March 25, 2005
Forward Voltage
50
ns
Reverse Recovery Time
Trr
-
-
IF(AV)
250
mA
nA
Test Condition
VF
Dimensions in inches and (millimeters)
SOD-323
0.059 (1.5)
0.043 (1.1)
0.012 (0.3)
min. 0.010 (0.25)


Similar Part No. - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20WS PANJIT-BAV20WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV20WS DIODES-BAV20WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV20WS GE-BAV20WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV20WS DIOTEC-BAV20WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Won-Top Electronics
BAV20WS WTE-BAV20WS Datasheet
48Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV20WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS Datasheet
127Kb / 3P
Small-Signal Diodes
14-May-02
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
SMALL SIGNAL DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com