Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV101 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BAV101
Description  HIGH SPEED SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAV101 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BAV101 Datasheet HTML 1Page - EIC discrete Semiconductors BAV101 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( BAV100 ~ BAV103 )
FIG. 1 MAXIMUM FORWARD CURRENT
FIG. 2 TYPICAL FORWARD VOLTAGE
VERSUS AMBIENT TEMPERATURE
FIG. 3 TYPICAL DIODE CAPACITANCE AS
FIG. 4 TYPICAL REVERSE CURRENT
A FUNCTION OF REVERSE VOLTAGE
VERSUS JUNCTION TEMPERATURE
Page 2 of 2
Rev. 02 : March 25, 2005
0
0.4
1.2
Forward Voltage , VF (V)
0.01
10
1000
0.1
1
100
0
0
100
200
Ambient Temperature , Ta (
°C)
100
300
0.2
0.6
1.0
1.4
200
400
0.8
TJ = 25°C
0
10
20
Reverse Voltage , VR (V)
0.8
1.5
1.0
1.2
1.4
f = 1MHz;
TJ = 25°C
100
200
0
10
-2
10
-1
10
10
2
10
3
Junction Temperature, Tj (
°C)
1.3
1.1
0.9
VR = VRmax.
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com