Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-9221 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # USB-9221
Description  Portable USB-Based DAQ for High Voltages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-9221 Datasheet(HTML) 1 Page - National Instruments Corporation

  USB-9221 Datasheet HTML 1Page - National Instruments Corporation USB-9221 Datasheet HTML 2Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hardware Description
National Instruments USB-9221 is a data acquisition module with
integrated signal conditioning that provides plug-and-play
connectivity via USB for faster setup and measurements. This
module has eight single-ended analog input channels with an
extended input range of ±60 V for direct connection to industrial
sensors. With a maximum single-channel sampling rate of 800 kS/s,
the NI USB-9221 is the fastest device in the USB DAQ with
signal conditioning family. In addition, this module includes
channel-to-earth ground isolation for safety, noise immunity and
high common-mode voltage range. With both screw-terminal and
standard D-Sub connector options for this module, you can obtain
flexible and low-cost signal wiring.
Software Description
The USB-9221 uses NI-DAQmx high-performance, multithreaded
driver software for interactive configuration and data acquisition on
Windows OSs. Use NI-DAQmx to test channels, generate code, and
apply custom scaling to any of your measurements. All NI data
acquisition devices shipped with NI-DAQmx also include VI Logger
Lite configuration-based data-logging software.
Recommended Accessories
The USB-9221 has built-in screw terminals or a D-Sub connector
option that connects to the NI 9934 strain relief accessory, or any
other standard 25-pin D-Sub connector.
Common Applications
The USB-9221 is ideal for high-voltage applications where small size
and portability are essential, such as:
• Portable data logging – log voltage data quickly and easily
• Academic lab use – obtain academic discounts for quantities
of five or more. Visit ni.com/academic for details.
• Industrial testing – take measurements of high-voltage
transformers, batteries, and other electronics
• Embedded OEM applications
• In-vehicle data acquisition
Information for OEM Customers
For information on special configurations and pricing, please
visit ni.com/oem.
Portable USB-Based DAQ
for High Voltages
NI USB-9221 NEW!
• Small, portable device
(12.1 by 8.6 by 2.5 cm)
• 8 analog inputs at 12-bit resolution
• ±60 V input range
• 800 kS/s aggregate sampling rate
• Built-in, removable connectors
for easier and more cost-
effective connectivity
• 250 Vrms channel-to-earth
ground isolation
• Plug-and-play connectivity
via USB
• Bus-powered
Operating Systems
• Windows 2000/XP
Recommended Software
• LabVIEW
• LabWindows/CVI
• Measurement Studio
Measurement Services
Software (included)
• NI-DAQmx driver software
• VI Logger Lite data-logging
software
Product
Signal Type
Channels (SE)
Input Resolution (bits)
Maximum Sampling Rate
(kS/s)
Input Range (V)
Connector
Driver Software1
USB-9221
Voltage
8
12
800
±60
Screw Terminal, D-Sub
NI-DAQmx
1For up-to-date information on NI-DAQ, visit ni.com/support/daq/versions.htm.
Table 1. Portable USB DAQ for High Voltages Selection Guide
NI USB-9221
Screw Terminals ........................................................779439-01
D-Sub Connector......................................................779440-01
Accessories
NI 9934 ......................................................................779104-01
BUY NOW!
For complete product specifications, pricing, and accessory
information, call (800) 813 3693 (U.S. only) or go to ni.com/oem.
Ordering Information


Similar Part No. - USB-9221

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
USB-9201 NI-USB-9201 Datasheet
179Kb / 2P
Portable USB-Based DAQ for Analog Signals
USB-9211A NI-USB-9211A Datasheet
97Kb / 2P
Portable USB-Based DAQ for Thermocouples
USB-9215A NI-USB-9215A Datasheet
97Kb / 2P
Portable USB-Based DAQ with Simultaneous Sampling
USB-9237 NI-USB-9237 Datasheet
967Kb / 4P
Strain- and Bridge-Based Measurements
More results

Similar Description - USB-9221

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
USB-9421 NI-USB-9421 Datasheet
186Kb / 2P
Portable USB-Based High-Voltage Digital I/O
USB-9201 NI-USB-9201 Datasheet
179Kb / 2P
Portable USB-Based DAQ for Analog Signals
DAQPAD-6015 NI-DAQPAD-6015 Datasheet
150Kb / 3P
Portable High-Performance Multifunction DAQ for USB
USB-9211A NI-USB-9211A Datasheet
97Kb / 2P
Portable USB-Based DAQ for Thermocouples
USB-9215A NI-USB-9215A Datasheet
97Kb / 2P
Portable USB-Based DAQ with Simultaneous Sampling
logo
Analog Devices
ADZS-HPUSB-ICE AD-ADZS-HPUSB-ICE Datasheet
1Mb / 2P
Analog Devices USB-Based Emulator and High Performance USB-Based Emulator
logo
List of Unclassifed Man...
07HVP ETC2-07HVP Datasheet
200Kb / 1P
For High Voltages
logo
National Instruments Co...
NIUSB-6216 NI-NIUSB-6216 Datasheet
539Kb / 18P
Bus-Powered M Series Multifunction DAQ for USB - 16-Bit
logo
Contec Co., Ltd
AIO-120802LN-USB CONTEC-AIO-120802LN-USB Datasheet
694Kb / 5P
N Series for USB Multifunction DAQ Unit
AIO-121602LN-USB CONTEC-AIO-121602LN-USB Datasheet
644Kb / 5P
N Series for USB Multifunction DAQ Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com