Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD37KA Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BYD37KA
Description  AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYD37KA Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BYD37KA Datasheet HTML 1Page - EIC discrete Semiconductors BYD37KA Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( BYD37DA - BYD37MA )
FIG.1 - MAXIMUM PERMISSIBLE AVERAGE FORWARD
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
CURRENT AS A FUNCTION OF TIE-POINT TEMPERATURE
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
TIE-POINT TEMPERATURE, Ttp (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - FORWARD CURRENT AS FUNCTION
FIG.4 - REVERSE CURRENT AS FUNCTION
OF FORWARD VOLTAGE
OF JUNCTION TEMPERATURE
Page 2 of 2
Rev. 02 : February 29, 2008
2.4
1.8
1.2
0.6
3.0
6
1000
100
20
0
25
0
15
10
5
0
4
1
2
10
100
0
200
JUNCTION TEMPERATURE, TJ ( °C)
FORWARD VOLTAGE, VF (V)
01
2
3
TJ = 25 °C
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com