Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD77BA Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # BYD77BA
Description  ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYD77BA Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  BYD77BA Datasheet HTML 1Page - EIC discrete Semiconductors BYD77BA Datasheet HTML 2Page - EIC discrete Semiconductors BYD77BA Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING AND CHARACTERISTIC CURVES ( BYD77AA- BYD77GA )
FIG.7 - FORWARD CURRENT AS FUNCTION
FIG.8 - FORWARD CURRENT AS FUNCTION
OF FORWARD VOLTAGE
OF FORWARD VOLTAGE
0
1
2
0
1
2
3
FIG.9 - REVERSE CURRENT AS FUNCTION
OF JUNCTION TEMPERATURE
Page 3 of 3
Rev. 00 : February 13, 2008
1000
100
1
10
100
0
200
JUNCTION TEMPERATURE, TJ ( °C)
VR =VRRMmax
FORWARD VOLTAGE, VF (V)
TJ = 25 °C
0
10
8
6
4
2
FORWARD VOLTAGE, VF (V)
0
10
8
6
4
2
TJ = 25 °C
BYD77AA to DA
BYD77EA to GA
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com