Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21AHT1D Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS21AHT1D
Description  Low Leakage Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS21AHT1D Datasheet(HTML) 1 Page - ON Semiconductor

  BAS21AHT1D Datasheet HTML 1Page - ON Semiconductor BAS21AHT1D Datasheet HTML 2Page - ON Semiconductor BAS21AHT1D Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 Semiconductor Components Industries, LLC, 2010
August, 2010 -- Rev. 1
1
Publication Order Number:
BAS21AHT1/D
BAS21AHT1G
Low Leakage
Switching Diode
Features
These Devices are Pb--Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VR
Continuous Reverse Voltage
250
Vdc
VRRM
Repetitive Peak Reverse Voltage
250
Vdc
IF
Peak Forward Current
200
mAdc
IFM(surge) Peak Forward Surge Current
625
mAdc
THERMAL CHARACTERISTICS
Symbol
Characteristic
Max
Unit
PD
Total Device Dissipation FR--5 Board,
(Note 1) TA =25C
Derate above 25C
200
1.57
mW
mW/C
RθJA
Thermal Resistance,
Junction--to--Ambient
635
C/W
TJ,Tstg
Junction and Storage Temperature
Range
--55 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR--5 Minimum Pad
LOW LEAKAGE
SWITCHING DIODE
Device
Package
Shipping†
ORDERING INFORMATION
SOD--323
CASE 477
STYLE 1
1
CATHODE
2
ANODE
http://onsemi.com
MARKING
DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BAS21AHT1G
SOD--323
(Pb--Free)
3000/Tape & Reel
AA M G
G
1
2
AA
= Device Code
M
= Date Code*
G
= Pb--Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.


Similar Part No. - BAS21AHT1D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS21AHT1G ONSEMI-BAS21AHT1G Datasheet
65Kb / 3P
Low Leakage Switching Diode
October, 2007 - Rev. 0
BAS21AHT1G ONSEMI-BAS21AHT1G Datasheet
53Kb / 3P
Low Leakage Switching Diode
August, 2014 ??Rev. 2
BAS21AHT1G ONSEMI-BAS21AHT1G_14 Datasheet
53Kb / 3P
Low Leakage Switching Diode
August, 2014 ??Rev. 2
More results

Similar Description - BAS21AHT1D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
logo
ON Semiconductor
BAS21AHT1G ONSEMI-BAS21AHT1G Datasheet
65Kb / 3P
Low Leakage Switching Diode
October, 2007 - Rev. 0
BAS21AHT1G ONSEMI-BAS21AHT1G_14 Datasheet
53Kb / 3P
Low Leakage Switching Diode
August, 2014 ??Rev. 2
logo
Rohm
BAS116HY ROHM-BAS116HY Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV170HYFH ROHM-BAV170HYFH Datasheet
1Mb / 8P
Switching Diode (Low leakage )
BAV199HY ROHM-BAV199HY Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV199FM ROHM-BAV199FM Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV199FMFH ROHM-BAV199FMFH Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAW156HYFH ROHM-BAW156HYFH Datasheet
1Mb / 8P
Switching Diode (Low leakage)
logo
Nexperia B.V. All right...
BAS116H NEXPERIA-BAS116H Datasheet
804Kb / 10P
Low leakage switching diode
Rev. 3 - 31 May 2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com