Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R28 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 87Page - Renesas Technology Corp R28 Datasheet HTML 88Page - Renesas Technology Corp R28 Datasheet HTML 89Page - Renesas Technology Corp R28 Datasheet HTML 90Page - Renesas Technology Corp R28 Datasheet HTML 91Page - Renesas Technology Corp R28 Datasheet HTML 92Page - Renesas Technology Corp R28 Datasheet HTML 93Page - Renesas Technology Corp R28 Datasheet HTML 94Page - Renesas Technology Corp R28 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 473 page
background image
R8C/28 Group, R8C/29 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 72 of 441
REJ09B0279-0210
10. Clock Generation Circuit
The clock generation circuit has:
• XIN clock oscillation circuit
• XCIN clock oscillation circuit (For N, D version only)
• Low-speed on-chip oscillator
• High-speed on-chip oscillator
However, use one of the XIN clock oscillation circuit or the XCIN clock oscillation circuit because they share the
XIN/XCIN pin and the XOUT/XCOUT pin. (For J, K version, the XCIN clock oscillation circuit cannot be used.)
Table 10.1 lists the Specifications of Clock Generation Circuit. Figure 10.1 shows a Clock Generation Circuit. Figures
10.2 to 10.9 show clock associated registers. Figure 10.10 shows a Procedure for Enabling Reduced Internal Power
Consumption Using VCA20 bit.
NOTES:
1. These pins can be used as P4_6 or P4_7 when using the on-chip oscillator clock as the CPU clock while the
XIN clock oscillation circuit and XCIN clock oscillation circuit is not used.
2. Set the CM01 bit in the CM0 register to 0 (XIN clock), the CM05 bit in the CM0 register to 1 (XIN clock stopped),
and the CM13 bit in the CM1 register to 1 (XIN-XOUT pin) when an external clock is input.
3. When 32.768 kHz is used as an external clock, set the CM01 bit in the CM0 register to 1 (XCIN clock). In other
cases, set the CM01 bit in the CM0 register to 0 (XIN clock).
4. Set the CM01 bit in the CM0 register to 1 (XCIN clock) and the CM04 bit in the CM0 register to 1 (XCIN clock
oscillator) when an external clock is input.
5. The clock frequency is automatically set to up to 20 MHz by a divider when using the high-speed on-chip
oscillator as the CPU clock source.
Table 10.1
Specifications of Clock Generation Circuit
Item
XIN Clock Oscillation
Circuit
XCIN Clock Oscillation
Circuit
(For N, D Version Only)
On-Chip Oscillator
High-Speed On-Chip
Oscillator
Low-Speed On-Chip
Oscillator
Applications
• CPU clock source
• Peripheral function
clock source
• CPU clock source
• Peripheral function
clock source
• CPU clock source
• Peripheral function
clock source
• CPU and peripheral
function clock
sources when XIN
clock stops oscillating
• CPU clock source
• Peripheral function
clock source
• CPU and peripheral
function clock
sources when XIN
clock stops oscillating
Clock frequency 0 to 20 MHz
32.768 kHz
Approx. 40 MHz(5)
Approx. 125 kHz
Connectable
oscillator
• Ceramic resonator
• Crystal oscillator
• Crystal oscillator
−−
Oscillator
connect pins
XIN, XOUT(1)
XCIN, XCOUT(1)
−(1)
−(1)
Oscillation stop,
restart function
Usable
Usable
Usable
Usable
Oscillator status
after reset
Stop
Stop
Stop
Oscillate
Others
• Externally generated
clock can be input(2, 3)
• On-chip feedback
resistor RfXIN
(connected/ not
connected, selectable)
• Externally generated
clock can be input(4)
• On-chip feedback
resistor RfXCIN
(connected/ not
connected,
selectable)
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com