Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C22 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R8C22
Description  RENESAS MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C22 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R8C22 Datasheet HTML 9Page - Renesas Technology Corp R8C22 Datasheet HTML 10Page - Renesas Technology Corp R8C22 Datasheet HTML 11Page - Renesas Technology Corp R8C22 Datasheet HTML 12Page - Renesas Technology Corp R8C22 Datasheet HTML 13Page - Renesas Technology Corp R8C22 Datasheet HTML 14Page - Renesas Technology Corp R8C22 Datasheet HTML 15Page - Renesas Technology Corp R8C22 Datasheet HTML 16Page - Renesas Technology Corp R8C22 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
R8C/22 Group, R8C/23 Group
2. Central Processing Unit (CPU)
Rev.2.00 Aug 20, 2008
Page 11 of 48
REJ03B0097-0200
2.1
Data Registers (R0, R1, R2 and R3)
R0 is a 16-bit register for transfer, arithmetic, and logic operations. The same applies to R1 to R3.
R0 can be split into high-order bit (R0H) and low-order bit (R0L) to be used separately as 8-bit data registers. The
same applies to R1H and R1L as R0H and R0L. R2 can be combined with R0 to be used as a 32-bit data register
(R2R0). The same applies R3R1 as R2R0.
2.2
Address Registers (A0 and A1)
A0 is a 16-bit register for address register indirect addressing and address register relative addressing. They also
are used for transfer, arithmetic and logic operations. The same applies to A1 as A0.
A1 can be combined with A0 to be used a 32-bit address register (A1A0).
2.3
Frame Base Register (FB)
FB is a 16-bit register for FB relative addressing.
2.4
Interrupt Table Register (INTB)
INTB, a 20-bit register, indicates the start address of an interrupt vector table.
2.5
Program Counter (PC)
PC, 20 bits wide, indicates the address of an instruction to be executed.
2.6
User Stack Pointer (USP) and Interrupt Stack Pointer (ISP)
The stack pointer (SP), USP and ISP, are 16 bits wide each.
The U flag of FLG is used to switch between USP and ISP.
2.7
Static Base Register (SB)
SB is a 16-bit register for SB relative addressing.
2.8
Flag Register (FLG)
FLG is a 11-bit register indicating the CPU status.
2.8.1
Carry Flag (C)
The C flag retains a carry, borrow, or shift-out bit that has occurred in the arithmetic and logic unit.
2.8.2
Debug Flag (D)
The D flag is for debug only. Set to 0.
2.8.3
Zero Flag (Z)
The Z flag is set to 1 when an arithmetic operation resulted in 0; otherwise, 0.
2.8.4
Sign Flag (S)
The S flag is set to 1 when an arithmetic operation resulted in a negative value; otherwise, 0.
2.8.5
Register Bank Select Flag (B)
The register bank 0 is selected when the B flag is 0. The register bank 1 is selected when this flag is set to 1.
2.8.6
Overflow Flag (O)
The O flag is set to 1 when the operation resulted in an overflow; otherwise, 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com