Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD18N40LZ Datasheet(PDF) 15 Page - STMicroelectronics

Part # STGD18N40LZ
Description  EAS 180 mJ - 390 V - internally clamped IGBT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD18N40LZ Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STGD18N40LZ Datasheet HTML 11Page - STMicroelectronics STGD18N40LZ Datasheet HTML 12Page - STMicroelectronics STGD18N40LZ Datasheet HTML 13Page - STMicroelectronics STGD18N40LZ Datasheet HTML 14Page - STMicroelectronics STGD18N40LZ Datasheet HTML 15Page - STMicroelectronics STGD18N40LZ Datasheet HTML 16Page - STMicroelectronics STGD18N40LZ Datasheet HTML 17Page - STMicroelectronics STGD18N40LZ Datasheet HTML 18Page - STMicroelectronics STGD18N40LZ Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
STGB18N40LZ, STGD18N40LZ, STGP18N40LZ
Package mechanical data
Doc ID 14322 Rev 5
15/19
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.48
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L3028.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com