Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715XX Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST715XX
Description  High input voltage - 85 mA LDO linear regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715XX Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST715XX Datasheet HTML 11Page - STMicroelectronics ST715XX Datasheet HTML 12Page - STMicroelectronics ST715XX Datasheet HTML 13Page - STMicroelectronics ST715XX Datasheet HTML 14Page - STMicroelectronics ST715XX Datasheet HTML 15Page - STMicroelectronics ST715XX Datasheet HTML 16Page - STMicroelectronics ST715XX Datasheet HTML 17Page - STMicroelectronics ST715XX Datasheet HTML 18Page - STMicroelectronics ST715XX Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
ST715XX, ST715XX25, ST715XX33
Package mechanical data
Doc ID 14414 Rev 7
15/19
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.800.90
1.00
31.5
35.4
39.4
A1
0.02
0.05
0.8
2.0
A3
0.20
7.9
b
0.25
0.300.35
9.8
11.8
13.8
D2.85
3.00
3.15
112.2
118.1
124
D2
1.603
1.753
1.853
63.1
69
73
E2.85
3.00
3.15
112.2
118.1
124
E2
1.345
1.495
1.59553
58.9
62.8
e
0.65
25.6
L0.30
0.40
0.50
11.8
15.7
19.7
DFN8 (3x3 mm) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com