Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF23NM60ND Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF23NM60ND
Description  N-channel 600 V, 0.150 Ω, 19.5 A, FDmesh??II Power MOSFET (with fast diode) D²PAK, I²PAK, TO-220, TO-220FP, TO-247
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF23NM60ND Datasheet(HTML) 5 Page - STMicroelectronics

  STF23NM60ND Datasheet HTML 1Page - STMicroelectronics STF23NM60ND Datasheet HTML 2Page - STMicroelectronics STF23NM60ND Datasheet HTML 3Page - STMicroelectronics STF23NM60ND Datasheet HTML 4Page - STMicroelectronics STF23NM60ND Datasheet HTML 5Page - STMicroelectronics STF23NM60ND Datasheet HTML 6Page - STMicroelectronics STF23NM60ND Datasheet HTML 7Page - STMicroelectronics STF23NM60ND Datasheet HTML 8Page - STMicroelectronics STF23NM60ND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STB/I/F/P/W23NM60ND
Electrical characteristics
Doc ID 14367 Rev 3
5/18
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 300 V, ID = 10 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 18)
-
25
45
90
40
-
ns
ns
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
19.5
78
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD = 19.5 A, VGS=0
-
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 19.5 A, di/dt =100
A/µs, VDD = 100 V
(see Figure 20)
-
190
1.2
13
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
VDD = 100 V
di/dt =100 A/µs, ISD = 19.5
A Tj = 150 °C
(see Figure 20)
-
260
2.0
15
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com