Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715MR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST715MR
Description  High input voltage - 85 mA LDO linear regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715MR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST715MR Datasheet HTML 7Page - STMicroelectronics ST715MR Datasheet HTML 8Page - STMicroelectronics ST715MR Datasheet HTML 9Page - STMicroelectronics ST715MR Datasheet HTML 10Page - STMicroelectronics ST715MR Datasheet HTML 11Page - STMicroelectronics ST715MR Datasheet HTML 12Page - STMicroelectronics ST715MR Datasheet HTML 13Page - STMicroelectronics ST715MR Datasheet HTML 14Page - STMicroelectronics ST715MR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ST715XX, ST715XX25, ST715XX33
Typical performance characteristics
Doc ID 14414 Rev 7
11/19
7
Typical performance characteristics
Figure 5.
Output voltage vs. temperature
Figure 6.
Output voltage vs. input voltage
Figure 7.
Dropout voltage vs. output current
Figure 8.
COUT stability region
Figure 9.
Supply voltage rejection vs.
frequency
Figure 10.
Output noise voltage vs. frequency
V
IN=VOUT(NOM)+1V
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
-50
0
50
100
150
Temp [°C]
I
OUT=1mA
I
OUT=85mA
V
IN=VOUT(NOM)+1V
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
-50
0
50
100
150
Temp [°C]
I
OUT=1mA
I
OUT=85mA
V
IN=VOUT(NOM)+1V
0
0.5
1
1.5
2
2.5
3
3.5
01
234
56
V
IN [V]
V
IN=VOUT(NOM)+1V
0
0.5
1
1.5
2
2.5
3
3.5
01
234
56
V
IN [V]
0
200
400
600
800
1000
0
20
40
60
80
100
I
OUT [A]
0
200
400
600
800
1000
0
20
40
60
80
100
I
OUT [A]
C
IN=0.1µF, VIN=VEN=2.5 to 24V
I
OUT=1mA to 0.085A
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
0.47
1
4.7
10
C
OUT [µF] (nominal value)
STABILITY REGION
C
IN=0.1µF, VIN=VEN=2.5 to 24V
I
OUT=1mA to 0.085A
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
0.47
1
4.7
10
C
OUT [µF] (nominal value)
STABILITY REGION
I
OUT=1mA, VRIPPLE=0.2VPP, VOUT=1.2V
30
35
40
45
50
55
60
100
1000
10000
100000
Freq [Hz]
I
OUT=1mA, VRIPPLE=0.2VPP, VOUT=1.2V
30
35
40
45
50
55
60
100
1000
10000
100000
Freq [Hz]
I
OUT=50mA, VIN=2.5V, VOUT=1.2V
0
100
200
300
400
500
600
700
1000
10000
100000
Freq [Hz]
I
OUT=50mA, VIN=2.5V, VOUT=1.2V
0
100
200
300
400
500
600
700
1000
10000
100000
Freq [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com