Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP18N40LZ Datasheet(PDF) 5 Page - STMicroelectronics

Part # GP18N40LZ
Description  EAS 180 mJ - 390 V - internally clamped IGBT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP18N40LZ Datasheet(HTML) 5 Page - STMicroelectronics

  GP18N40LZ Datasheet HTML 1Page - STMicroelectronics GP18N40LZ Datasheet HTML 2Page - STMicroelectronics GP18N40LZ Datasheet HTML 3Page - STMicroelectronics GP18N40LZ Datasheet HTML 4Page - STMicroelectronics GP18N40LZ Datasheet HTML 5Page - STMicroelectronics GP18N40LZ Datasheet HTML 6Page - STMicroelectronics GP18N40LZ Datasheet HTML 7Page - STMicroelectronics GP18N40LZ Datasheet HTML 8Page - STMicroelectronics GP18N40LZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STGB18N40LZ, STGD18N40LZ, STGP18N40LZ
Electrical characteristics
Doc ID 14322 Rev 5
5/19
Table 6.
Switching on/off
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Resistive load
Turn-on delay time
Rise time
VCC = 14 V,
RL = 1 Ω, VGE = 5 V
-0.65
3.5
-µs
µs
td(on)
tr
Resistive load
Turn-on delay time
Rise time
VCC = 14 V,
RL = 1 Ω, VGE = 5 V,
TJ = 150 °C
-0.65
3.8
-µs
µs
td(off)
tf
dv/dt
Inductive load
Turn-off delay time
Fall time
Turn-off voltage slope
VCC = 300 V, L = 1 mH
IC = 10 A, VGE = 5 V
-
13.5
5.5
105
-
µs
µs
V/µs
td(off)
tf
dv/dt
Inductive load
Turn-off delay time
Fall time
Turn-off voltage slope
VCC = 300 V, L = 1 mH
IC = 10 A, VGE = 5 V
TJ = 150 °C
-
14.2
8
97
-
µs
µs
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com