Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLM6402GPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLM6402GPBF
Description  HEXFETPower MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLM6402GPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLM6402GPBF Datasheet HTML 1Page - International Rectifier IRLM6402GPBF Datasheet HTML 2Page - International Rectifier IRLM6402GPBF Datasheet HTML 3Page - International Rectifier IRLM6402GPBF Datasheet HTML 4Page - International Rectifier IRLM6402GPBF Datasheet HTML 5Page - International Rectifier IRLM6402GPBF Datasheet HTML 6Page - International Rectifier IRLM6402GPBF Datasheet HTML 7Page - International Rectifier IRLM6402GPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
75
100
°C/W
IRLML6402GPbF
HEXFET® Power MOSFET
These P-Channel MOSFETs from International Rectifier utilize
advanced processing techniques to achieve extremely low on-
resistance per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that HEXFET®
power MOSFETs are well known for, provides the designer with
an extremely efficient and reliable device for use in battery and
load management.
A thermally enhanced large pad leadframe has been incorporated
into the standard SOT-23 package to produce a HEXFET Power
MOSFET with the industry's smallest footprint. This package,
dubbed the Micro3
™, is ideal for applications where printed
circuit board space is at a premium. The low profile (<1.1mm)
of the Micro3 allows it to fit easily into extremely thin application
environments such as portable electronics and PCMCIA cards.
The thermal resistance and power dissipation are the best
available.
Thermal Resistance
VDSS = -20V
RDS(on) = 0.065Ω
l Ultra Low On-Resistance
l P-Channel MOSFET
l SOT-23 Footprint
l Low Profile (<1.1mm)
l Available in Tape and Reel
l Fast Switching
l Lead-Free
l Halogen-Free
Description
07/22/08
www.irf.com
1
S
D
G
Parameter
Max.
Units
VDS
Drain- Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-3.7
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-2.2
A
IDM
Pulsed Drain Current

-22
PD @TA = 25°C
Power Dissipation
1.3
PD @TA = 70°C
Power Dissipation
0.8
Linear Derating Factor
0.01
W/°C
EAS
Single Pulse Avalanche Energy
„
11
mJ
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
W
Micro3
™
PD - 96161


Similar Part No. - IRLM6402GPBF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRLM110A FAIRCHILD-IRLM110A Datasheet
227Kb / 7P
Advanced Power MOSFET
IRLM120A FAIRCHILD-IRLM120A Datasheet
229Kb / 7P
Advanced Power MOSFET
IRLM120A FAIRCHILD-IRLM120A Datasheet
242Kb / 7P
Advanced Power MOSFET
IRLM120ATF FAIRCHILD-IRLM120ATF Datasheet
242Kb / 7P
Advanced Power MOSFET
IRLM210 FAIRCHILD-IRLM210 Datasheet
270Kb / 7P
Advanced Power MOSFET
More results

Similar Description - IRLM6402GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL7833 IRF-IRL7833 Datasheet
268Kb / 12P
HEXFETPower MOSFET
IRF3717 IRF-IRF3717 Datasheet
248Kb / 10P
HEXFETPower MOSFET
IRF6620 IRF-IRF6620 Datasheet
180Kb / 8P
HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
HEXFETPower MOSFET
IRFSL4127PBF IRF-IRFSL4127PBF Datasheet
361Kb / 10P
HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
HEXFETPower MOSFET
IRFB4410ZGPBF IRF-IRFB4410ZGPBF Datasheet
300Kb / 8P
HEXFETPower MOSFET
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
HEXFETPower MOSFET
IRF7452QPBF IRF-IRF7452QPBF_10 Datasheet
189Kb / 8P
HEXFETPower MOSFET
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
HEXFETpower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com