Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5012 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor Position Sensing
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 17Page - Infineon Technologies AG TLE5012 Datasheet HTML 18Page - Infineon Technologies AG TLE5012 Datasheet HTML 19Page - Infineon Technologies AG TLE5012 Datasheet HTML 20Page - Infineon Technologies AG TLE5012 Datasheet HTML 21Page - Infineon Technologies AG TLE5012 Datasheet HTML 22Page - Infineon Technologies AG TLE5012 Datasheet HTML 23Page - Infineon Technologies AG TLE5012 Datasheet HTML 24Page - Infineon Technologies AG TLE5012 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
TLE5012
Specification
Target Data Sheet
21
V 0.46, 2009-09
3.4.4
Angle Performance
After internal calculation the sensor has a remaining error, as shown in Table 7. The error value refers to BZ = 0mT
and the operating conditions given in Table 3 “Operating Range” on Page 17.
The overall angle error represents the relative angle error. This error describes the deviation to the reference line
after zero angle definition.
Autocalibration
The autocalibration enables online parameter calculation and reduces therefore the angle error due to
misalignments.
After start-up the parameters out of the fuses get loaded into flip-flops. The TLE5012 updates these parameters
after a full revolution. The update can be chosen within the Autocalibration Mode (AUTOCAL) bit. It is possible to
do the update after every 22.5°, 11.25° or after tupd.
3.4.5
Signal Processing
The signal path of the TLE5012 is depicted in Figure 11. It consists of the GMR-bridge, ADC, filter and angle
calculation. Depending on the filter configuration a different total delay time is achieved. Additional to this delay
time, the delay time of the interface has to be considered. The delay time leads to an additional angle error at
higher speeds. With enabling the prediction, the signal delay time will be reduced (Figure 12).
Figure 11
TLE5012 Signal path
At FIR_MD = 0 only raw values can be read out, due to the more time consuming angle calculation.
Table 7
Angle Performance
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Overall Angle Error (with auto-
calibration)
α
Err
-
0.61)
1) At 25°C, B =30 mT
1.0
°
including lifetime and
temperature drift2)3)
2) Including hysteresis error, caused by revolution direction change.
3) Only with calibrated GMR-compensation parameters of customer setup; Relative error after zero angle definition.
Overall Angle Error (without auto-
calibration)
α
Err
-
0.61)
1.6
°
including temperature
drift2)3)
X
GMR
Y
GMR
SD-
ADC
SD-
ADC
Angle
Calculation
Filter
Filter
TLE5012
Microcontroller
IF
del
t
delIF
t
upd
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com