Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS125 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAS125
Description  Silicon Schottky Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS125 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAS125 Datasheet HTML 1Page - Infineon Technologies AG BAS125 Datasheet HTML 2Page - Infineon Technologies AG BAS125 Datasheet HTML 3Page - Infineon Technologies AG BAS125 Datasheet HTML 4Page - Infineon Technologies AG BAS125 Datasheet HTML 5Page - Infineon Technologies AG BAS125 Datasheet HTML 6Page - Infineon Technologies AG BAS125 Datasheet HTML 7Page - Infineon Technologies AG BAS125 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2007-04-19
2
BAS125...
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAS125-04W, BAS125-06W
BAS125-05W
BAS125-07W
RthJS
≤ 365
≤ 295
≤ 215
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 20 V
VR = 25 V
IR
-
-
-
-
100
150
nA
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 35 mA
VF
-
-
-
385
530
800
400
650
950
mV
Forward voltage matching2)
IF = 10 mA
∆ V
F
-
-
20
AC Characteristics
Diode capacitance
VR = 0 , f = 1 MHz
CT
-
-
1.1
pF
Differential forward resistance
IF = 5 mA, f = 10 kHz
RF
-
15
-
Ω
1For calculation of RthJA please refer to Application Note Thermal Resistance
2
∆V
F is the difference between lowest and highest VF in a multiple diode component.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com