Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS170W Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BAS170W
Description  Silicon Schottky Diode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS170W Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BAS170W Datasheet HTML 15Page - Infineon Technologies AG BAS170W Datasheet HTML 16Page - Infineon Technologies AG BAS170W Datasheet HTML 17Page - Infineon Technologies AG BAS170W Datasheet HTML 18Page - Infineon Technologies AG BAS170W Datasheet HTML 19Page - Infineon Technologies AG BAS170W Datasheet HTML 20Page - Infineon Technologies AG BAS170W Datasheet HTML 21Page - Infineon Technologies AG BAS170W Datasheet HTML 22Page - Infineon Technologies AG BAS170W Datasheet HTML 23Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
2007-09-19
21
BAS70.../BAS170W
P
ackage SOT363
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
For symmetric types no defined Pin 1 orientation in reel.
Small variations in positioning of
Date code, Type code and Manufacture are possible.
Manufacturer
2005, June
Date code (Year/Month)
BCR108S
Type code
Pin 1 marking
Laser marking
0.3
0.65
0.65
0.2
4
2.15
1.1
Pin 1
marking
+0.1
0.2
1
6
23
5
4
±0.2
2
+0.1
-0.05
0.15
0.1 MAX.
0.9 ±0.1
A
-0.05
6x
0.1 M
0.65
0.65
0.1
M
0.2
A
Pin 1
marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com