Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BAS70
Description  Silicon Schottky Diode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS70 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAS70 Datasheet HTML 1Page - Infineon Technologies AG BAS70 Datasheet HTML 2Page - Infineon Technologies AG BAS70 Datasheet HTML 3Page - Infineon Technologies AG BAS70 Datasheet HTML 4Page - Infineon Technologies AG BAS70 Datasheet HTML 5Page - Infineon Technologies AG BAS70 Datasheet HTML 6Page - Infineon Technologies AG BAS70 Datasheet HTML 7Page - Infineon Technologies AG BAS70 Datasheet HTML 8Page - Infineon Technologies AG BAS70 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
2007-09-19
5
BAS70.../BAS170W
Diode capacitance CT = ƒ (VR)
f = 1MHz
0
0.0
EHB00044
C
V
R
T
20
40
60
V
80
0.5
1.0
1.5
pF
2.0
BAS 70W/BAS 170W
Forward resistance rf = ƒ (IF)
f = 10 kHz
10
-2
10
-1
10
0
10
1
10
2
mA
IF
1
10
2
10
3
10
4
10
Ohm
Reverse current IR = ƒ(VR)
TA = Parameter
0
EHB00043
Ι
V
R
R
10 -1
-3
10
0
10
1
10
2
10
A
10 -2
20
40
60
V
80
TA = 150 C
85 C
25 C
µ
BAS 70W/BAS 170W
Forward current IF = ƒ (VF)
TA = Parameter
0.0
EHB00042
BAS 70W/BAS 170W
Ι
V
F
F
10 -1
-2
10
0
10
1
10
2
10
mA
0.5
1.0
V
1.5
TA = -40 C
25 C
85 C
150 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com