Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV240N75F3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV240N75F3
Description  N-channel 75 V, 2.3 m廓, 240 A PowerSO-10 STripFET??III Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV240N75F3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV240N75F3 Datasheet HTML 7Page - STMicroelectronics STV240N75F3 Datasheet HTML 8Page - STMicroelectronics STV240N75F3 Datasheet HTML 9Page - STMicroelectronics STV240N75F3 Datasheet HTML 10Page - STMicroelectronics STV240N75F3 Datasheet HTML 11Page - STMicroelectronics STV240N75F3 Datasheet HTML 12Page - STMicroelectronics STV240N75F3 Datasheet HTML 13Page - STMicroelectronics STV240N75F3 Datasheet HTML 14Page - STMicroelectronics STV240N75F3 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
STV240N75F3
Packaging information
Doc ID 14595 Rev 2
13/15
Note:
10 sprocket hole pitch cumulative tolerance ±0.2 mm.
Figure 22. Reel drawing (b)
a.
Drawing is not to scale.
Table 9.
Reel dimensions
Ref.
mm
Min.
Typ.
Max.
A
330
B1.5
C
12.81313.2
D20.2
N60
G
24.4
T
30.4
b.
Drawing is not to scale.
Table 10.
Base and bulk quantities
Base qty.
Bulk qty.
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com