Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBA60 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DBA60
Description  6.0A Single-Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBA60 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DBA60 Datasheet HTML 1Page - Sanyo Semicon Device DBA60 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DBA60
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of April, 1998. Specifications and information herein are subject to
change without notice.
PS No.650-2/2
0
0
5
7
10
2
3
5
7
100
2
3
0
40
80
120
160
200
240
1.0
100
2
3
4
5
1.0
23
5
7
10
2
23
5
7
10
2
3
5
7
100
0.1
2
3
5
7
1.0
2
3
5
7
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5.0
45
6
7
8
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
20
40
60
80
100
120
140
160
1
2
3
4
5
6
7
L
L
L
Ambient Temperature, Ta — ˚C
Ambient Temperature, Ta — ˚C
Average Rectified Current, IO — A
Forward Voltage, VF — V
Number of Cycles at 50Hz, n
Solder Dip Time — s
IO — Ta
IO — Ta
Fin Size(half side) — IO
IF — VF
IFSM — n
Soldering Temperature — t
Resistive,inductive load
With 80
×80×1.5mm3 Al fin
No fin
Resistive,inductive load
Ta=40˚C
Fin:1.5mm Al fin
50Hz
L=15mm
10mm
5mm
1.5mm
Capacitive
load
Capacitive
load
L=25mm
L=25mm
15mm
15mm
5mm
5mm
L=25mm
15mm
5mm
L=25mm
15mm
5mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com