Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBB08 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DBB08
Description  0.8A Single-Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBB08 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DBB08 Datasheet HTML 1Page - Sanyo Semicon Device DBB08 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DBB08
Ordering number :EN2772B
0.8A Single-Phase Bridge Rectifier
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Diffused Junction Silicon Diode
52098HA (KT)/62096GI (KOTO)/92294MO 8-7589/4218TA, TS 8-2176 No.2772-1/2
Features
· Plastic molded structure and ultrasmall package
making it easy to make DBB08-applied sets smaller.
· Two type of package available, surface mount type
and insertion type.
· Glass passivation for high reliability.
Electrical Connection
Package Dimensions
unit:mm
1189
Surface mount type (TM emboss taping)
[DBB08]
unit:mm
1247
Substrate inserting type (LT stick)
[DBB08]
˚C
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C, per constituent element of bridge
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CC
8
0
B
B
DG
8
0
B
B
Dt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
0
0
20
0
6V
t
n
e
r
r
u
C
d
e
i
f
i
t
i
c
e
R
e
g
a
r
e
v
AIO
*
d
r
a
o
b
a
n
i
m
u
l
A
→
8
.
0A
B
C
P
→
5
.
0A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
→
0
3A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
→
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
→
0
5
1
+
o
t
0
4
–
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
4
.
0
=
5
0
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
h
c
a
e
t
A
:V M
R
0
1A
µ
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T)
a
-
j
(
h
t
R
m
m
1
(
li
o
f
u
C
n
o
d
e
t
n
u
o
M
×
d
r
a
o
b
a
n
i
m
u
l
a
n
o
)
m
m
16
7
B
C
P
n
o
d
e
t
n
u
o
M
4
3
1
˚C/W
˚C/W
Note*:Surface mount type.


Similar Part No. - DBB08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DBB08 ONSEMI-DBB08 Datasheet
211Kb / 3P
0.8A Single-Phase Bridge Rectifi er
September, 2013
DBB08G-TM-E ONSEMI-DBB08G-TM-E Datasheet
211Kb / 3P
0.8A Single-Phase Bridge Rectifi er
September, 2013
More results

Similar Description - DBB08

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C800 WTE-B40C800 Datasheet
45Kb / 3P
0.8A BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Won-Top Electronics
B40C800 WTE-B40C800_06 Datasheet
46Kb / 4P
0.8A SINGLE-PHASE BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Gulf Semiconductor
MD12 GULFSEMI-MD12 Datasheet
196Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 1200V CURRENT:0.8A
logo
Formosa MS
MB2M FORMOSA-MB2M Datasheet
158Kb / 6P
0.8A Glass Passivated Single-Phase Bridge Rectifiers-200-1000V
logo
ON Semiconductor
DBB08 ONSEMI-DBB08 Datasheet
211Kb / 3P
0.8A Single-Phase Bridge Rectifi er
September, 2013
logo
Olitech Electronics Co....
B40C800 OLITECH-B40C800 Datasheet
532Kb / 2P
0.8A SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
MB05S SMCDIODE-MB05S Datasheet
345Kb / 5P
Single-Phase 0.8A Surface Mount Glass Passivated Bridge Rectifier
Rev. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com