Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV62065 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62065
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62065 Datasheet(HTML) 2 Page - Texas Instruments

  TLV62065 Datasheet HTML 1Page - Texas Instruments TLV62065 Datasheet HTML 2Page - Texas Instruments TLV62065 Datasheet HTML 3Page - Texas Instruments TLV62065 Datasheet HTML 4Page - Texas Instruments TLV62065 Datasheet HTML 5Page - Texas Instruments TLV62065 Datasheet HTML 6Page - Texas Instruments TLV62065 Datasheet HTML 7Page - Texas Instruments TLV62065 Datasheet HTML 8Page - Texas Instruments TLV62065 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TLV62065
SLVSAC4 – NOVEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PART
MAXIMUM OUTPUT
PACKAGE
PACKAGE
TA
OUTPUT VOLTAGE
ORDERING(2)
NUMBER
CURRENT
DESIGNATOR
MARKING
–40°C to
TLV62065
Adjustable
2.0 A
DSG
TLV62065DSG
QVB
85°C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The DSG (SON-8) packages is available in tape on reel. Add R suffix to order quantities of 3000 parts per reel.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
Voltage Range (2)
AVIN, PVIN
–0.3
7
EN, MODE, FB
–0.3 to
VIN +0.3 < 7
V
SW
–0.3
7
Current (source)
Peak output
Internally limited
A
Electrostatic Discharge (HBM) QSS 009-105 (JESD22-A114A)(3)
2
kV
Electrostatic Discharge (CDM) QSS 009-147 (JESD22-C101B.01)
1
Electrostatic Discharge (Machine model)
200
V
TJ
–40
125
°C
Temperature
Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
THERMAL INFORMATION
TLV62065
THERMAL METRIC(1)
DSG
UNITS
8 PINS
qJA
Junction-to-ambient thermal resistance
65.2
qJC(top)
Junction-to-case(top) thermal resistance
93.3
qJB
Junction-to-board thermal resistance
30.1
°C/W
yJT
Junction-to-top characterization parameter
0.5
yJB
Junction-to-board characterization parameter
47.4
qJC(bottom)
Junction-to-case(bottom) thermal resistance
7.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TLV62065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com