Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPI20N60C3 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # SPI20N60C3
Description  New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI20N60C3 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button SPI20N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 10Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 11Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 12Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 13Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 14Page - Infineon Technologies AG SPI20N60C3 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
200
9-02-19
Rev.
3.1
Page 1
3
SPP
20N60C3
SPI
20N60C3, SPA20N60C3
P
G-TO220-3-
31/-3-111 Fully isolated package ( 2500 VAC; 1 minute )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com