Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4998C3C Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4998C3C
Description  Programmable Linear Hall Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998C3C Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4998C3C Datasheet HTML 9Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 10Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 11Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 12Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 13Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 14Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 15Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 16Page - Infineon Technologies AG TLE4998C3C Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
TLE4998C3C
Electrical, Thermal, and Magnetic Parameters
Data Sheet
13
Rev 1.1, 2009-09
5
Electrical, Thermal, and Magnetic Parameters
Table 4
Electrical Characteristics
Parameter
Symbol
Limit Values
Unit
Notes
min. typ. max.
VDD-GND capacitor
CVDD
-
47
-
nF
Ceramic
OUT-GND capacitor
CL
-
4.7
-
nF
Ceramic
SPC transmission time
tSPC
-
-
1
ms
Unit time 3µs1)
1) Transmission time depends on the data values being sent and on int. RC oscillator frequ. variation of +/- 20%
Supply current
IDD
3
6
8
mA
Output current @ OUT
shorted to supply lines
IOUTsh
-
95
-
mA
VOUT = 5 V, max. 10
minutes
Thermal resistance
RthJA
-
190
-
K/W
Junction to air
RthJC
-
41
-
K/W
Junction to case
Power-on time2)
2) Response time to set up output data at power on when a constant field is applied. The first value given has a
± 5% error, the second value has a ± 1% error. Measured with 640-Hz low-pass filter
tPon
-
0.7
15
2
20
ms
≤ ± 5% target out value
≤ ± 1% target out value
Power-on reset level
VDDpon
-
3.6
4
V
Output impedance
ZOUT
20
40
70
k
Ω
3)
3) Output impedance is measured
∆V
OUT/∆IOUT (∆VOUT=12V ... 2.6V) at VDD = 5V, open-drain high state
Output fall time
tfall
2
-
4
µs
VOUT 4.5 V to 0.5 V
4)
4) For V
DD = 5 V, RL = 2.2 kΩ, CL = 4.7 nF (in package), at room temperature, not considering condensator
tolerance or influence of external circuitry
Output rise time
trise
-
20
-
µs
VOUT 0.5 V to 4.5 V
4)5)
Output low saturation
voltage
VOUTsat
-
0.3
0.2
0.6
0.4
V
IOUTsink = 5 mA
IOUTsink = 2.2 mA
Output noise (rms)
OUTnoise -
1
2.5
LSB12 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com