Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD09P06PL Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPD09P06PL
Description  SIPMOS Power-Transistor Feature N-Channel Enhancement mode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD09P06PL Datasheet(HTML) 6 Page - Infineon Technologies AG

  SPD09P06PL_08 Datasheet HTML 1Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 2Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 3Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 4Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 5Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 6Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 7Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 8Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
200
8-07-29
Rev 2.5
Page 6
SPD09P06PL
G
9 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = -6.8 A, VGS = -10 V
-60
-20
20
60
100
140 °C
200
Tj
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6

0.75
SPD09P06PL
typ
98%
10 Gate threshold voltage
VGS(th) = f (Tj)
parameter: VGS = VDS, ID = -250 µA
-60
-20
20
60
100
°C
180
Tj
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
V
2.4
typ.
98 %
2 %
11 Typ. capacitances
C = f (VDS)
parameter: VGS=0V, f=1 MHz
0
-5
-10
-15
-20
V
-30
VDS
1
10
2
10
3
10
pF
Ciss
Coss
Crss
12 Forward character. of reverse diode
IF = f (VSD)
parameter: Tj , tp = 80 µs
0
-0.4
-0.8
-1.2
-1.6
-2
-2.4
V
-3
VSD
-1
-10
0
-10
1
-10
2
-10
A
SPD09P06PL
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 175 °C typ
T
j = 175 °C (98%)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com