Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD09P06PL Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPD09P06PL
Description  SIPMOS Power-Transistor Feature N-Channel Enhancement mode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD09P06PL Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPD09P06PL Datasheet HTML 1Page - Infineon Technologies AG SPD09P06PL Datasheet HTML 2Page - Infineon Technologies AG SPD09P06PL Datasheet HTML 3Page - Infineon Technologies AG SPD09P06PL Datasheet HTML 4Page - Infineon Technologies AG SPD09P06PL Datasheet HTML 5Page - Infineon Technologies AG SPD09P06PL Datasheet HTML 6Page - Infineon Technologies AG SPD09P06PL Datasheet HTML 7Page - Infineon Technologies AG SPD09P06PL Datasheet HTML 8Page - Infineon Technologies AG SPD09P06PL Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
200
8-07-29
Rev 2.5
Page 5
SPD09P06PL
G
5 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 80 µs
0
-2
-4
-6
-8
V
-12
VDS
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
A
-24
SPD09P06PL
VGS [V]
a
a
-2.0
b
b
-2.5
c
c
-3.0
d
d
-3.5
e
e
-4.0
f
f
-4.5
g
g
-5.0
h
h
-5.5
i
i
-6.0
j
j
-7.0
k
Ptot = 42W
k
-8.0
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: VGS
0
-2
-4
-6
-8
-10 -12 -14 -16
A
-20
ID
0
0.1
0.2
0.3
0.4
0.5
0.6

0.8
SPD09P06PL
VGS [V] =
c
c
-3.0
d
d
-3.5
e
e
-4.0
f
f
-4.5
g
g
-5.0
h
h
-5.5
i
i
-6.0
j
j
-7.0
k
k
-8.0
7 Typ. transfer characteristics
ID= f ( VGS ); VDS 2 x ID x RDS(on)max
parameter: tp = 80 µs
0
1
2
3
4
5
6
V
8
VGS
0
5
10
15
A
25
8 Typ. forward transconductance
gfs = f(ID); Tj=25°C
parameter: gfs
0
1
2
3
4
5
6
7
8
V
10
ID
0
0.5
1
1.5
2
2.5
3
S
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com