Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF600R12IP4D Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # DF600R12IP4D
Description  PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DF600R12IP4D Datasheet(HTML) 2 Page - Infineon Technologies AG

  DF600R12IP4D Datasheet HTML 1Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 2Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 3Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 4Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 5Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 6Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 7Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 8Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Technische Information / technical information
DF600R12IP4D
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
IGBT-Chopper / IGBT-chopper
Höchstzulässige Werte / maximum rated values
E
;
%
*
*
8=> 0 &T
(-./
(
E
;
+
*
9
+
8- 0
T G 8=> 0 U&T
1-234
5
L
9
E
;
F
;
V 0
1-67
B
(
*
:
8- 0 &T G 8=> 0 U&T
LJ3J
!G!&
;M
B
%
F
*
*
;
*
(W./
X,
(
Charakteristische Werte / characteristic values
@
E
;
%
) *
*
*
*
1- 0 5
G (W. 0 & (
1- 0 5
G (W. 0 & (
1- 0 5
G (W. 0 & (
(-. HIJ
GU
G
G
G &
(
(
(
8=> 0 &T
8=> 0
&T
8=> 0 & T
B
9:
*
*
9
9
*
1- 0 !G
G (-. 0 (W.G 8=> 0 &T
(W.JY
&G
&G
5G&
(
B
*
*
9 *
(W. 0
& (
X & (
ZW
G
[
1
B
:
*
8=> 0 &T
OW\2J
G
]
% *
* ;
F )
0
DFG 8=> 0 &T G (-. 0 & (G (W. 0
(
\^H
!UG
<
ON ;: ;
* ;
F )
0
DFG 8=> 0 &T G (-. 0 & (G (W. 0
(
_^H
G &
<
E
;
%
O
(-. 0
(G (W. 0
(G 8=> 0 &T
1-./
&G
B
%
O
*
; *
(-. 0
(G (W. 0
(G 8=> 0 &T
1W./
%
9
F`*
* F
$
#
'
$
'
1- 0 5
G (-. 0 5
(
(W. 0 a & (
OW32 0 G ]
b 32
G
G
G
[
[
[
8=> 0 &T
8=> 0
&T
8=> 0 & T
* F
$
;
#
'
$
'
1- 0 5
G (-. 0 5
(
(W. 0 a & (
OW32 0 G ]
_
G
G
G !
[
[
[
8=> 0 &T
8=> 0
&T
8=> 0 & T
9
F`*
* F
$
#
'
$
'
1- 0 5
G (-. 0 5
(
(W. 0 a & (
OW3cc 0 G ]
b 3cc
GU
G
G &
[
[
[
8=> 0 &T
8=> 0
&T
8=> 0 & T
<
F
$
;
#
'
$
'
1- 0 5
G (-. 0 5
(
(W. 0 a & (
OW3cc 0 G ]
c
G!
G
G&
[
[
[
8=> 0 &T
8=> 0
&T
8=> 0 & T
%
9
*
L
*
1- 0 5
G (-. 0 5
(G #/ 0 & D
(W. 0 a & (G
,
0
,[ $8=>0 & T '
OW32 0 G ]
%32
&G
5&G
U G
d
d
d
8=> 0 &T
8=> 0
&T
8=> 0 & T
9
*
L
*
1- 0 5
G (-. 0 5
(G #/ 0 & D
(W. 0 a & (G
,
0 U
(,[ $8=>0 & T '
OW3cc 0 G ]
%3cc
&G
&
!&
d
d
d
8=> 0 &T
8=> 0
&T
8=> 0 & T
E F
9
9
(W. e & (G (-- 0
(
(-.4If 0 (-./ #H-. g
,
1/-
8=> 0 & T
V e
[ G
1
M)
:
9
G h
1BP8 ,
1BP8
OJYi-
&G
E,;M
j
*
* M)
:
9
G
9
;
1BP8 ,
1BP8
kVIHJ^ 0
M,$ gE' , kl_^IH^ 0
M,$ gE'
OJY-m
G
E,;M



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com