Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF900R12IP4D Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # DF900R12IP4D
Description  PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DF900R12IP4D Datasheet(HTML) 2 Page - Infineon Technologies AG

  DF900R12IP4D Datasheet HTML 1Page - Infineon Technologies AG DF900R12IP4D Datasheet HTML 2Page - Infineon Technologies AG DF900R12IP4D Datasheet HTML 3Page - Infineon Technologies AG DF900R12IP4D Datasheet HTML 4Page - Infineon Technologies AG DF900R12IP4D Datasheet HTML 5Page - Infineon Technologies AG DF900R12IP4D Datasheet HTML 6Page - Infineon Technologies AG DF900R12IP4D Datasheet HTML 7Page - Infineon Technologies AG DF900R12IP4D Datasheet HTML 8Page - Infineon Technologies AG DF900R12IP4D Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Technische Information / technical information
DF900R12IP4D
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
IGBT-Chopper / IGBT-chopper
Höchstzulässige Werte / maximum rated values
E
;
&
+
+
8=> 1 'U
)./0
)
E
;
,
+
9
,
8. 1
U G 8=> 1 "'U
2.345
L
9
E
;
F
;
V 1
2.67
B
)
+
:
8. 1 'U G 8=> 1 "'U
LJ4J
'G
;M
B
&
F
+
+
;
+
)W/0
X-
)
Charakteristische Werte / characteristic values
@
E
;
&
* +
+
+
+
2. 1
G )W/ 1 ' )
2. 1
G )W/ 1 ' )
2. 1
G )W/ 1 ' )
)./ HIJ
G"
G
G
G '
)
)
)
8=> 1 'U
8=> 1
'U
8=> 1 ' U
B
9:
+
+
9
9
+
2. 1 !!G
G )./ 1 )W/G 8=> 1 'U
)W/JY
'G
'G
SG'
)
B
+
+
9 +
)W/ 1
' )
X ' )
ZW
SG
[
2
B
:
+
8=> 1 'U
OW\3J
G
]
& +
+ ;
F *
1
DFG 8=> 1 'U G )./ 1 ' )G )W/ 1
)
\^H
' G
<
ON ;: ;
+ ;
F *
1
DFG 8=> 1 'U G )./ 1 ' )G )W/ 1
)
_^H
G
<
E
;
&
O
)./ 1
)G )W/ 1
)G 8=> 1 'U
2./0
'G
B
&
O
+
; +
)./ 1
)G )W/ 1
)G 8=> 1 'U
2W/0
&
9
F`+
+ F
%
$
(
%
(
2. 1
G )./ 1 S
)
)W/ 1 a ' )
OW43 1 GS ]
b 43
G
G
G
[
[
[
8=> 1 'U
8=> 1
'U
8=> 1 ' U
+ F
%
;
$
(
%
(
2. 1
G )./ 1 S
)
)W/ 1 a ' )
OW43 1 GS ]
_
G
G '
G '
[
[
[
8=> 1 'U
8=> 1
'U
8=> 1 ' U
9
F`+
+ F
%
$
(
%
(
2. 1
G )./ 1 S
)
)W/ 1 a ' )
OW4cc 1 GS ]
b 4cc
G"
G
G '
[
[
[
8=> 1 'U
8=> 1
'U
8=> 1 ' U
<
F
%
;
$
(
%
(
2. 1
G )./ 1 S
)
)W/ 1 a ' )
OW4cc 1 GS ]
c
G
G
G '
[
[
[
8=> 1 'U
8=> 1
'U
8=> 1 ' U
&
9
+
L
+
2. 1
G )./ 1 S
)G $0 1 ' D
)W/ 1 a ' )G
-
1
-[ %8=>1 ' U (
OW43 1 GS ]
&43
' G
" G
G
d
d
d
8=> 1 'U
8=> 1
'U
8=> 1 ' U
9
+
L
+
2. 1
G )./ 1 S
)G $0 1 ' D
)W/ 1 a ' )G
-
1 "
)-[ %8=>1 ' U (
OW4cc 1 GS ]
&4cc
'
'
d
d
d
8=> 1 'U
8=> 1
'U
8=> 1 ' U
E F
9
9
)W/ e ' )G ).. 1
)
)./5If 1 )./0 $H./ g
-
20.
!S
8=> 1 ' U
V e
[ G
2
M*
:
9
G h
2BP8 -
2BP8
OJYi.
G' E-;M
j
+
+ M*
:
9
G
9
;
2BP8 -
2BP8
kVIHJ^ 1
M-% gE( - kl_^IH^ 1
M-% gE(
OJY.m
SG
E-;M



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com